Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U2...ALM Datasheet(PDF) 2 Page - Texas Instruments

Part # DRA821U2...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U2...ALM Datasheet(HTML) 2 Page - Texas Instruments

  DRA821U2...ALM Datasheet HTML 1Page - Texas Instruments DRA821U2...ALM Datasheet HTML 2Page - Texas Instruments DRA821U2...ALM Datasheet HTML 3Page - Texas Instruments DRA821U2...ALM Datasheet HTML 4Page - Texas Instruments DRA821U2...ALM Datasheet HTML 5Page - Texas Instruments DRA821U2...ALM Datasheet HTML 6Page - Texas Instruments DRA821U2...ALM Datasheet HTML 7Page - Texas Instruments DRA821U2...ALM Datasheet HTML 8Page - Texas Instruments DRA821U2...ALM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 252 page
background image
– Independently configurable as USB host, USB
peripheral, or USB dual-role device
Automotive interfaces:
• Twenty CAN-FD ports
• 12× Universal Asynchronous Receiver/Transmitter
(UART)
• 11× Serial Peripheral Interfaces (SPI)
• One 8-channel ADC
• 10× Inter-Integrated Circuit ( I2C™)
• 2× Improved Inter-Integrated Circuit ( I3C®)
Audio interfaces:
• 3× Multichannel Audio Serial Port (McASP)
modules
Flash memory interfaces:
• Embedded Multi Media Card ( eMMC™ 5.1)
interface
– Support speeds of up to HS400
• One Secure Digital® 3.0/Secure Digital Input
Output 3.0 (SD3.0/SDIO3.0) interfaces
• One Octal SPI / Xccela™ / HyperBus™ Memory
Controller (HBMC) interface
• 16-nm FinFET technology
• 17.2 mm x 17.2 mm, 0.8 mm pitch, IPC Class 3
PCB
2 Applications
• Automotive gateway
• Vehicle compute
• Body control module
• Telematics control unit
• V2X/V2V
• Factory automation gateways
• Communications equipment
• Industrial transport
• Building Automation Gateway
3 Description
Jacinto™ DRA821x processors, based on the Armv8 64-bit architecture, are optimized for gateway systems
with cloud connectivity. The System-on-Chip (SoC) design reduces system-level costs and complexity through
integration—notably, a system MCU, functional safety and security features, and an Ethernet switch for high-
speed communication. Integrated diagnostics and functional safety features are targeted to ASIL-D and SIL 3
certification requirements. Real-time control and low-latency communication are enabled by a PCIe controller
and a TSN capable Gigabit Ethernet switch.
Up to four general-purpose Arm® Cortex®-R5F subsystems can handle low-level, timing-critical processing
tasks and leave the Arm® Cortex®-A72 core unencumbered for advanced and cloud-based applications.
Jacinto DRA821x processors also include the concept of the Extended MCU (eMCU) domain. This domain is a
subset of the processors and peripherals on the main domain targeted at higher functional safety enablement,
such as ASIL-D/SIL-3. The functional block diagram highlights which IP are included in the eMCU. For more
details about eMCU and functional safety, see the DRA821 Safety Manual Processors Texas Instruments
Jacinto™ 7 Family of Products (SPRUIX4).
Package Information
PART NUMBER
PACKAGE(1)
BODY SIZE
DRA821U4...ALM
FCBGA (433)
17.2 mm × 17.2 mm
DRA821U2...ALM
FCBGA (433)
17.2 mm × 17.2 mm
XJ7200GBALM
FCBGA (433)
17.2 mm × 17.2 mm
(1)
For more information, see Section 11, Mechanical, Packaging, and Orderable Information.
3.1 Functional Block Diagram
Figure 3-1 is functional block diagram for the device.
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com