Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U2...ALM Datasheet(PDF) 9 Page - Texas Instruments

Part # DRA821U2...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U2...ALM Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRA821U2...ALM Datasheet HTML 5Page - Texas Instruments DRA821U2...ALM Datasheet HTML 6Page - Texas Instruments DRA821U2...ALM Datasheet HTML 7Page - Texas Instruments DRA821U2...ALM Datasheet HTML 8Page - Texas Instruments DRA821U2...ALM Datasheet HTML 9Page - Texas Instruments DRA821U2...ALM Datasheet HTML 10Page - Texas Instruments DRA821U2...ALM Datasheet HTML 11Page - Texas Instruments DRA821U2...ALM Datasheet HTML 12Page - Texas Instruments DRA821U2...ALM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 252 page
background image
Table 5-1. Device Comparison (continued)
Same table as the unhidden one. Done to remove columns A4 and A2
FEATURES
REFERENCE NAME
DRA821U4
DRA821U2
Enhanced Capture Module
ECAP
3
3
Enhanced Quadrature Encoder Pulse Module
EQEP
3
3
Universal Asynchronous Receiver and Transmitter
UART
12
12
Universal Serial Bus (USB3.1) SuperSpeed Dual-Role-Device (DRD)
Ports with SS PHY
USB
Yes(1)
Yes(1)
(1)
SGMII, USB3.0, and PCIE share total of four SerDes lanes.
(2)
DRA821U4 CPSW5G supports the following instances, signals, and modes of operation:
•
PORT1 Signals: RMII1/RGMII1/SGMII1, Modes: One of 5Gb, 10Gb USXGMII/XFI, 2.5 Gb SGMII/XAUI, 1Gb SGMII, 1Gb RGMII,
100Mb RMII, 5Gb QSGMII
•
PORT2 Signals: RMII2/RGMII2/SGMII2, Modes: One of 2.5 Gb SGMII/XAUI, 1Gb SGMII, 1Gb RGMII, 100Mb RMII, 5Gb QSGMII
•
PORT3 Signals: RMII3/RGMII3/SGMII3, Modes: One of 2.5 Gb SGMII/XAUI, 1Gb SGMII, 1Gb RGMII, 100Mb RMII, 5Gb QSGMII
•
PORT4 Signals: RMII4/RGMII4/SGMII4, Modes: One of 2.5 Gb SGMII/XAUI, 1Gb SGMII, 1Gb RGMII, 100Mb RMII, 5Gb QSGMII
•
QSGMII mode combines all four internal ports of the CPSW onto a single SERDES lane. Each port in this mode operates at 1-Gb
full duplex
–
Any one of the port signals SGMII1:4 can be selected for this SERDES connectivity where upon the non-selected signals are
unused by the CPSW
DRA821U2 CPSW5G supports the following instances, signals, and modes of operation:
•
PORT1 Signals: RMII1/RGMII1/SGMII1, Modes: One of 5Gb, 10Gb USXGMII/XFI, 2.5Gb SGMII/XAUI, 1Gb SGMII, 1Gb RGMII,
100Mb RMII
•
PORT2 Signals: RMII2/RGMII2/SGMII2, Modes: One of 2.5Gb SGMII/XAUI, 1Gb SGMII, 1Gb RGMII, 100Mb RMII
•
PORT3 and PORT4 and corresponding signals are not supported
•
QSGMII mode is not supported
(3)
CPSW2G supports the following instances, signals, and modes of operation:
•
PORT1 Signals: MCU_RMII1/MCU_RGMII1, Modes: One of 1Gb RGMII, 100Mb RMII
(4)
Flash interface can be configured as OSPI0, or HyperBus.
(5)
Safety features including R5F Lockstep and SIL/ASIL ratings are only applicable to select part number variants as indicated by the
Device Type (Y) identifier in the Section 10.1.2, Nomenclature Description Table.
(6)
Device security features including Secure Boot and Customer Programmable Keys are applicable to select part number variants as
indicated by the Device Type (Y) identifier in the Section 10.1.2, Nomenclature Description table.
(7)
AEC-Q100 qualification is applicable to select part number variants as indicated by the Automotive Designator (Q1) identifier in the
Section 10.1.2, Nomenclature Description table.
(8)
Two ports are internally connected only. Not connected to any pins.
5.1 Related Products
Companion Products for DRA821U Review products that are frequently purchased or used in conjunction with
this product.
Software Development Kit for DRA821 Jacinto™ Processors Processor SDK RTOS (PSDK RTOS) can
be used together with Processor SDK Linux (PSDK Linux) or Processor SDK QNX (PSDK QNX), to form a
multi-processor software development platform for DRA821 SoCs within the TI’s Jacinto™ Processors platform.
The SDK provides a comprehensive set of software tools and components to help users develop and deploy
their applications on supported J7 SoCs. PSDK RTOS and either PSDK Linux or PSDK QNX can be used
together to implement various use-cases in factory and building automation, and gateway systems.
DRA821 Evaluation Module The J700XSOMXEVM paired with the J721EXCP01EVM Common Processor
Board is an evaluation platform designed to speed up development efforts and reduce time to market for
networking applications throughout automotive and industrial markets.
The EVM is supported by Processor SDK, which includes foundational drivers, compute and vision kernels,
and example application frameworks and demonstrations that show you how to take advantage of the powerful,
heterogeneous architecture of Jacinto 7 processors.
Application Notes and White Paper Gateway application processor with integrated system MCU.
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com