Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47L64 Datasheet (PDF) - Microchip Technology

47L64 Datasheet PDF - Microchip Technology
Part # 47L64
Download  47L64 Download
File Size   970.61 Kbytes
Page   29 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64-Kbit I2C EERAM

47L64 Datasheet (PDF)

Go To PDF Page Download Datasheet
47L64 Datasheet PDF - Microchip Technology

Part # 47L64
Download  47L64 Click to download

File Size   970.61 Kbytes
Page   29 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64-Kbit I2C EERAM

47L64 Datasheet (HTML) - Microchip Technology


47L64 Product details

Serial SRAM Features
• Unlimited Reads/Unlimited Writes:
- Standard serial SRAM protocol
- Symmetrical timing for reads and writes
• SRAM Array:
- 8,192 x 8 bits
• High-Speed I2C Interface:
- Industry standard: 1 MHz, 400 kHz, and
100 kHz
- Zero cycle delay writes and reads to SRAM
array
- Schmitt Trigger inputs for noise suppression
• Low-Power CMOS Technology:
- Active current: 1 mA (maximum)
- Standby current: 200 μA (maximum)
Hidden EEPROM Backup Features
• Cell-Based Nonvolatile Backup:
- Mirrors SRAM array cell-for-cell
- Transfers all data to/from SRAM cells in
parallel (all cells at same time)
• Invisible-to-User Data Transfers:
- VCC level monitored inside device
- SRAM automatically saved on power disrupt
- SRAM automatically restored on VCC return
• 100,000 Backups Minimum
• 100 Years Retention (at 55°C)
Other Features of the 47L64
• Operating Voltage Range: 2.7V to 3.6V
• Temperature Ranges:
- Industrial (I): -40°C to +85°C
• ESD protection: >2,000V




Similar Part No. - 47L64

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
47L04 MICROCHIP-47L04 Datasheet
556Kb / 40P
4K/16K I2C Serial EERAM
06/23/16
logo
International Rectifier
47L120D IRF-47L120D Datasheet
67Kb / 7P
STANDARD RECOVERY DIODES
logo
Microchip Technology
47L16 MICROCHIP-47L16 Datasheet
556Kb / 40P
4K/16K I2C Serial EERAM
06/23/16
logo
International Rectifier
47L160D IRF-47L160D Datasheet
67Kb / 7P
STANDARD RECOVERY DIODES
logo
Microchip Technology
47L16T-I MICROCHIP-47L16T-I Datasheet
556Kb / 40P
4K/16K I2C Serial EERAM
06/23/16
More results


Similar Description - 47L64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24128 STMICROELECTRONICS-M24128 Datasheet
289Kb / 34P
128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
17-Oct-2006
logo
Cypress Semiconductor
CY14C512J CYPRESS-CY14C512J_12 Datasheet
1Mb / 30P
512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14C512J CYPRESS-CY14C512J_13 Datasheet
1Mb / 30P
512-Kbit (64 K x 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J_13 Datasheet
1Mb / 30P
64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A_13 Datasheet
1Mb / 28P
64-Kbit (8 K x 8) Serial (I2C) nvSRAM
logo
STMicroelectronics
M24C64-FMC6TG STMICROELECTRONICS-M24C64-FMC6TG Datasheet
465Kb / 42P
64-Kbit serial I2C bus EEPROM
28-Aug-2012
logo
Microchip Technology
47L04 MICROCHIP-47L04 Datasheet
556Kb / 40P
4K/16K I2C Serial EERAM
06/23/16
24AA64 MICROCHIP-24AA64_V01 Datasheet
735Kb / 51P
64-Kbit I2C Serial EEPROM
09/14/21
48L512 MICROCHIP-48L512 Datasheet
872Kb / 40P
512-Kbit/1-Mbit SPI Serial EERAM
Revision C / 10/2019
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com