Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47L64 Datasheet(PDF) 3 Page - Microchip Technology

Part # 47L64
Description  64-Kbit I2C EERAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47L64 Datasheet(HTML) 3 Page - Microchip Technology

  47L64 Datasheet HTML 1Page - Microchip Technology 47L64 Datasheet HTML 2Page - Microchip Technology 47L64 Datasheet HTML 3Page - Microchip Technology 47L64 Datasheet HTML 4Page - Microchip Technology 47L64 Datasheet HTML 5Page - Microchip Technology 47L64 Datasheet HTML 6Page - Microchip Technology 47L64 Datasheet HTML 7Page - Microchip Technology 47L64 Datasheet HTML 8Page - Microchip Technology 47L64 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
2019-2020 Microchip Technology Inc.
Preliminary
DS20006168B-page 3
47L64
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
VCC.............................................................................................................................................................................4.5V
All inputs and outputs w.r.t. VSS ................................................................................................................... -0.6V to 4.5V
Storage temperature ................................................................................................................................. -65°C to 150°C
Ambient temperature under bias.................................................................................................................-55°C to 85°C
ESD protection on all pins.......................................................................................................................................... 2 kV
† NOTICE: Stresses above those listed under ‘Maximum ratings’ may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those indicated in
the operational listings of this specification is not implied. Exposure to maximum rating conditions for an extended
period of time may affect device reliability.
TABLE 1-1:
DC CHARACTERISTICS
DC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
TAMB = -40°C to +85°C, VCC = 2.7V to 3.6V
Param.
No.
Symbol Characteristic
Min.
Typ.
Max.
Units Conditions
D1
VIH
High-Level input Voltage
0.8 X VCC
—
VCC+0.5
V
D2
VIL
Low-Level Input Voltage
-0.5
—
0.2*VCC
V
D3
VOL
Low-Level Output Voltage
—
—
0.4
V
IOL = 2.0 mA
D4
VHYS
Hysteresis of Schmitt Trigger
Inputs (SDA, SCL pins)
0.05 X VCC
—
—
V
Note 1
D5
ILI
Input Leakage Current
(SDA, SCL pins)
—
—
±3
A
VIN = VSS or VCC
D6
ILO
Output Leakage Current (SDA pin)
—
—
±3
A
VOUT = VSS or VCC
D7
RIN
Input Resistance to VSS
(A1, A2, WP pins)
50
—
—
k
VIN = VIL (max)
D8
CINT
Internal Capacitance
(all inputs and outputs)
—
—
7
pF
TAMB = 25°C, FREQ = 1 MHz,
VCC = 3.3V (
Note 1)
D9
ICC
Active 1
Operating Current @ 1 MHz
—
—
1
mA
VCC = 3.6 V, FCLK = 1 MHz
D10
ICC
Active 2
Operating Current @ 400 kHz
—
—
700
µA
VCC = 3.6 V, FCLK = 400 kHz
D11
ICCS
Standby Current
—
—
200
µA
SCL, SDA, VCAP, VCC = 3.6V
D12
VTRIP
AutoStore/AutoRecall Trip Voltage
2.3
—
2.65
V
Note 1
D13
VPOR
Power-on Reset Voltage
—
—
2.1
V
D14
CB
Bus Capacitance
—
—
400
pF
D15
CVCAP
VCAP Capacitor
10
22
50
µF
Note 1
Note 1: This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com