Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47L64 Datasheet(PDF) 1 Page - Microchip Technology

Part # 47L64
Description  64-Kbit I2C EERAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47L64 Datasheet(HTML) 1 Page - Microchip Technology

  47L64 Datasheet HTML 1Page - Microchip Technology 47L64 Datasheet HTML 2Page - Microchip Technology 47L64 Datasheet HTML 3Page - Microchip Technology 47L64 Datasheet HTML 4Page - Microchip Technology 47L64 Datasheet HTML 5Page - Microchip Technology 47L64 Datasheet HTML 6Page - Microchip Technology 47L64 Datasheet HTML 7Page - Microchip Technology 47L64 Datasheet HTML 8Page - Microchip Technology 47L64 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
2019-2020 Microchip Technology Inc.
Preliminary
DS20006168B-page 1
47L64
Serial SRAM Features
• Unlimited Reads/Unlimited Writes:
- Standard serial SRAM protocol
- Symmetrical timing for reads and writes
• SRAM Array:
- 8,192 x 8 bits
• High-Speed I2C Interface:
- Industry standard: 1 MHz, 400 kHz, and
100 kHz
- Zero cycle delay writes and reads to SRAM
array
- Schmitt Trigger inputs for noise suppression
• Low-Power CMOS Technology:
- Active current: 1 mA (maximum)
- Standby current: 200 µA (maximum)
Hidden EEPROM Backup Features
• Cell-Based Nonvolatile Backup:
- Mirrors SRAM array cell-for-cell
- Transfers all data to/from SRAM cells in
parallel (all cells at same time)
• Invisible-to-User Data Transfers:
- VCC level monitored inside device
- SRAM automatically saved on power disrupt
- SRAM automatically restored on VCC return
• 100,000 Backups Minimum
• 100 Years Retention (at 55°C)
Other Features of the 47L64
• Operating Voltage Range: 2.7V to 3.6V
• Temperature Ranges:
- Industrial (I): -40°C to +85°C
• ESD protection: >2,000V
Packages
• 8-Lead SOIC
• 8-Lead TDFN
Package Types (not to scale)
Pin Descriptions
Pin Name
Description
VCAP
External Capacitor
A1, A2
Hardware Address Pins
VSS
Ground
SCL
Serial Clock Input
SDA
Serial Data Input/Output
WP
Write-Protect Input
VCC
Power Supply
8-Lead SOIC
VCAP
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
(Top View)
Note 1: Includes Exposed Thermal Pad (EP)
TDFN(1)
(Top View)
A2
A1
VSS
WP
SCL
1
2
3
4
8
7
6
5 SDA
VCC
VCAP
64-Kbit I2C EERAM


Similar Part No. - 47L64

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
47L04 MICROCHIP-47L04 Datasheet
556Kb / 40P
4K/16K I2C Serial EERAM
06/23/16
logo
International Rectifier
47L120D IRF-47L120D Datasheet
67Kb / 7P
STANDARD RECOVERY DIODES
logo
Microchip Technology
47L16 MICROCHIP-47L16 Datasheet
556Kb / 40P
4K/16K I2C Serial EERAM
06/23/16
logo
International Rectifier
47L160D IRF-47L160D Datasheet
67Kb / 7P
STANDARD RECOVERY DIODES
logo
Microchip Technology
47L16T-I MICROCHIP-47L16T-I Datasheet
556Kb / 40P
4K/16K I2C Serial EERAM
06/23/16
More results

Similar Description - 47L64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24128 STMICROELECTRONICS-M24128 Datasheet
289Kb / 34P
128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
17-Oct-2006
logo
Cypress Semiconductor
CY14C512J CYPRESS-CY14C512J_12 Datasheet
1Mb / 30P
512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14C512J CYPRESS-CY14C512J_13 Datasheet
1Mb / 30P
512-Kbit (64 K x 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J_13 Datasheet
1Mb / 30P
64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A_13 Datasheet
1Mb / 28P
64-Kbit (8 K x 8) Serial (I2C) nvSRAM
logo
STMicroelectronics
M24C64-FMC6TG STMICROELECTRONICS-M24C64-FMC6TG Datasheet
465Kb / 42P
64-Kbit serial I2C bus EEPROM
28-Aug-2012
logo
Microchip Technology
47L04 MICROCHIP-47L04 Datasheet
556Kb / 40P
4K/16K I2C Serial EERAM
06/23/16
24AA64 MICROCHIP-24AA64_V01 Datasheet
735Kb / 51P
64-Kbit I2C Serial EEPROM
09/14/21
48L512 MICROCHIP-48L512 Datasheet
872Kb / 40P
512-Kbit/1-Mbit SPI Serial EERAM
Revision C / 10/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com