Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47L64 Datasheet(PDF) 2 Page - Microchip Technology

Part # 47L64
Description  64-Kbit I2C EERAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47L64 Datasheet(HTML) 2 Page - Microchip Technology

  47L64 Datasheet HTML 1Page - Microchip Technology 47L64 Datasheet HTML 2Page - Microchip Technology 47L64 Datasheet HTML 3Page - Microchip Technology 47L64 Datasheet HTML 4Page - Microchip Technology 47L64 Datasheet HTML 5Page - Microchip Technology 47L64 Datasheet HTML 6Page - Microchip Technology 47L64 Datasheet HTML 7Page - Microchip Technology 47L64 Datasheet HTML 8Page - Microchip Technology 47L64 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2019-2020 Microchip Technology Inc.
Preliminary
DS20006168B-page 2
47L64
General Description
The Microchip Technology Inc. 47L64 serial EERAM
has an SRAM memory core with hidden EEPROM
backup. The device can be treated by the user as a full
symmetrical read/write SRAM. Backup to EEPROM is
handled by the device on any power disrupt, so the
user can effectively view this device as an SRAM that
never loses its data.
The device is structured as a 64-Kbit SRAM with
EEPROM backup in each memory cell. The SRAM is
organized as 8,192 x 8 bits and uses the I2C serial
interface. The I2C bus uses two signal lines for
communication: clock input (SCL) and data (SDA).
Access to the device is controlled through a chip
address and address pins, allowing up to four devices
to share the same bus.
The SRAM is a conventional serial SRAM: it allows
symmetrical reads and writes and has no limits on cell
usage. The backup EEPROM is invisible to the user
and cannot be accessed by the user independently.
The device includes circuitry that detects VCC
dropping below a certain threshold, shuts its
connection to the outside environment, and transfers
all SRAM data to the EEPROM portion of each cell for
safe keeping. When VCC returns, the circuitry
automatically returns the data to the SRAM and the
user’s interaction with the SRAM can continue with the
same data set.
Block Diagram
Powering the Device During SRAM to
EEPROM Backup (VCAP)
A small capacitor (typically 22 µF) is required for the
proper operation of the device. This capacitor is placed
between VCAP (pin 1) and the system VSS (see Normal
Device Operation). When power is first applied to the
device, this capacitor is charged to VCC through the
device (see Normal Device Operation). During normal
SRAM operation, the capacitor remains charged to
VCC and the level of system VCC is monitored by the
device. If system VCC drops below a set threshold, the
device interprets this as a power-off or brown-out
event. The device suspends all I/O operation, shuts off
its connection with the VCC pin, and uses the saved
energy in the capacitor to power the device through the
VCAP pin as it transfers all SRAM data to EEPROM
(see Vcc Power-Off Event). On the next power-up of
VCC, the data is transfered back to SRAM, the
capacitor is recharged, and the SRAM operation
continues.
Normal Device Operation
VCC Power-Off Event
Power
I2C Control Logic
Memory Address
and Data Control
Logic
and Address
VCC
Control
Block
VCAP
Decoder
EEPROM
RECALL
STORE
SDA
SCL
SRAM
8K x 8
8K x 8
WP
A1
A2
V
CC Monitor
Normal
SRAM
Operation
V
CC (pin 8)
V
CAP (pin
)
C
VCAP
Charged to V
CC
V
SS (pin 4)
System V
CC
System V
SS
Automatic
Backup
SRAM
SRAM to
EEPROM
Transfer
EEPROM
V
CC (pin 8)
System V
CC
V
CAP (pin
)
C
VCAP
Temporary V
CC
V
SS (pin 4)
System V
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com