Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47L64 Datasheet(PDF) 13 Page - Microchip Technology

Part # 47L64
Description  64-Kbit I2C EERAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47L64 Datasheet(HTML) 13 Page - Microchip Technology

Back Button 47L64 Datasheet HTML 9Page - Microchip Technology 47L64 Datasheet HTML 10Page - Microchip Technology 47L64 Datasheet HTML 11Page - Microchip Technology 47L64 Datasheet HTML 12Page - Microchip Technology 47L64 Datasheet HTML 13Page - Microchip Technology 47L64 Datasheet HTML 14Page - Microchip Technology 47L64 Datasheet HTML 15Page - Microchip Technology 47L64 Datasheet HTML 16Page - Microchip Technology 47L64 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
2019-2020 Microchip Technology Inc.
Preliminary
DS20006168B-page 13
47L64
4.2
DEVICE ADDRESSING
The control byte is the first byte received following the
Start condition from the master device (Figure 4-3).
The control byte begins with a 4-bit op code. The next
two bits are the user-configurable chip select bits, A2
and A1. The next bit is a non-configurable chip select
bit that must always be set to ‘1’. The chip select bits
A2 and A1 in the control byte must match the logic
levels on the corresponding A2 and A1 pins for the
device to respond.
The last bit of the control byte defines the operation to
be performed. When set to a ‘1’ a read operation is
selected, and when set to a ‘0’ a write operation is
selected.
The combination of the 4-bit op code and the three
chip select bits is called the slave address. Upon
receiving a valid slave address, the slave device
outputs an Acknowledge signal on the SDA line.
Depending on the state of the R/W bit, the 47L64 will
select a read or a write operation.
FIGURE 4-3:
CONTROL BYTE FORMAT
The 47L64 is divided into two functional units: the
SRAM array and the Control registers.
Section 4.3
“SRAM Array” describes the functionality for the
SRAM array.
The 4-bit op code in the control byte determines which
unit will be accessed during an operation. Table 4-2
shows the standard control bytes used by the 47L64.
TABLE 4-2:
CONTROL BYTES
Note:
When VCAP is below VTRIP, the 47L64
cannot be accessed and will not
acknowledge any commands.
1
0
1
0 A2 A1 1
S
ACK
R/W
Op Code
Chip Select
Bits
Slave Address
Acknowledge Bit
Start Bit
Read/Write Bit
Operation
Op
Code
Chip
Select
R/W
Bit
SRAM Read
1010 A2 A1 1
1
SRAM Write
1010 A2 A1 1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com