Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47L64 Datasheet(PDF) 4 Page - Microchip Technology

Part # 47L64
Description  64-Kbit I2C EERAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47L64 Datasheet(HTML) 4 Page - Microchip Technology

  47L64 Datasheet HTML 1Page - Microchip Technology 47L64 Datasheet HTML 2Page - Microchip Technology 47L64 Datasheet HTML 3Page - Microchip Technology 47L64 Datasheet HTML 4Page - Microchip Technology 47L64 Datasheet HTML 5Page - Microchip Technology 47L64 Datasheet HTML 6Page - Microchip Technology 47L64 Datasheet HTML 7Page - Microchip Technology 47L64 Datasheet HTML 8Page - Microchip Technology 47L64 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
2019-2020 Microchip Technology Inc.
Preliminary
DS20006168B-page 4
47L64
1.1
AC CHARACTERISTICS
TABLE 1-1:
AC CHARACTERISTICS
FIGURE 1-1:
BUS TIMING DATA
AC CHARACTERISTICS
Industrial (I):
TAMB = -40°C to +85°C, VCC = 2.7V to 3.6V
Param.
No.
Symbol Characteristic
Min.
Max.
Units Conditions
1
FCLK
Clock Frequency
—
1000
kHz
2
THIGH
Clock High Time
400
—
ns
3
TLOW
Clock Low Time
600
—
ns
4
TR
SDA and SCL Input Rise Time
—
300
ns
Note 1
5
TF
SDA and SCL Input Fall Time
—
100
ns
Note 1
6
THD:STA
Start Condition Hold Time
250
—
ns
7
TSU:STA
Start Condition Setup Time
250
—
ns
8
THD:DAT Data Input Hold Time
0
—
ns
9
TSU:DAT
Data Input Setup Time
100
—
ns
10
TSU:STO Stop Condition Setup Time
250
—
ns
11
TAA
Output Valid from Clock
—
550
ns
12
TBUF
Bus Free Time: Time the bus must
be free before a new transmission
can start
500
—
ns
13
TOF
Output Fall Time from VIH
Minimum to VIL Maximum
CB  100pF
20+0.1CB
250
ns
CB  100 pF (
Note 1)
14
TSP
Input Filter Spike Suppression
(SDA and SCL pins)
—
50
ns
15
TRESTORE Power-up Recall Operation
Duration
—
550
µs
16
TSTORE
Store Operation Duration
—
10
ms
17
TVRISE
VCC Rise Rate
30
—
µs/V
Note 1
18
TvFALL
VCC Fall Rate
30
—
µs/V
Note 1
19
—
Endurance
100,000
—
Store
Cycles
25°C, VCC = 3.6V
(
Note 1, Note 2)
20
Retention
100
Years
55°C
Note 1: This parameter is not tested but ensured by characterization.
2: For endurance estimates in a specific application, consult the Total Endurance Model which can be obtained on
Microchip’s website at www.microchip.com.
SCL
SDA
IN
SDA
OUT
5
7
6
14
3
2
8
9
11
D4
4
10
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com