Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLPN137 Datasheet (PDF) - Toshiba Semiconductor

TLPN137 Datasheet PDF - Toshiba Semiconductor
Part # TLPN137
Download  TLPN137 Download
File Size   324.17 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaAℓAs Infrared LED & Photo IC

TLPN137 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLPN137 Datasheet PDF - Toshiba Semiconductor

Part # TLPN137
Download  TLPN137 Click to download

File Size   324.17 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaAℓAs Infrared LED & Photo IC

TLPN137 Datasheet (HTML) - Toshiba Semiconductor


TLPN137 Product details

Applications
• Factory Automation (FA)
• High-Speed Digital Interfacing
• Measuring Instruments

General
The Toshiba TLPN137 consists of a high-output GaAℓAs light-emitting diode coupled with integrated high gain,
high-speed photodetectors. It is housed in the DIP8 package. The TLPN137 succeeds the 6N137 which has been
released. The characteristics of the TLPN137 are similar as the 6N137. The TLPN137 has an internal Faraday
shield that provides a guaranteed common-mode transient immunity of ±10 kV/μs.

Features
(1) Inverter logic type (open collector output)
(2) Package: DIP8
(3) Operating temperature: -40 to 85 
(4) Supply voltage: 4.5 to 5.5 V
(5) Data transfer rate: 10 MBd (typ.) (NRZ)
(6) Threshold input current: 5.0 mA (max)
(7) Supply current: 4.0 mA (max)
(8) Common-mode transient immunity: ±10 kV/μs (min)
(9) Isolation voltage: 5000 Vrms (min)
(10) Safety standards
UL-approved: UL1577, File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN60747-5-5, EN60065 or EN60950-1 (Note 1)
: EN62368-1 (Pending) (Note 1)




Similar Part No. - TLPN137

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP-181 TOSHIBA-TLP-181 Datasheet
217Kb / 9P
Office Machine Programmable Controllers AC Adapter I/O Interface Board
logo
Tadiran Batteries GmbH
TLP-91111-A TADIRN-TLP-91111-A Datasheet
280Kb / 1P
High energy
TLP-91111ASM TADIRN-TLP-91111ASM Datasheet
280Kb / 1P
High energy
TLP-91311-A TADIRN-TLP-91311-A Datasheet
278Kb / 1P
High energy
TLP-91311ASM TADIRN-TLP-91311ASM Datasheet
278Kb / 1P
High energy
More results


Similar Description - TLPN137

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP151A TOSHIBA-TLP151A Datasheet
273Kb / 12P
Photocouplers GaAℓAs Infrared LED & Photo IC
2017-06-09 Rev.4.0
TLP350HF TOSHIBA-TLP350HF Datasheet
505Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-18 Rev.8.0
TLP351A TOSHIBA-TLP351A Datasheet
384Kb / 18P
Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-09 Rev.5.0
TLP351H TOSHIBA-TLP351H Datasheet
496Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-10-19 Rev.8.0
TLP2735 TOSHIBA-TLP2735 Datasheet
761Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2018-01-19 Rev.2.0
TLP2767 TOSHIBA-TLP2767 Datasheet
767Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-22 Rev.1.0
TLP2770 TOSHIBA-TLP2770 Datasheet
720Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2017-11-15 Rev.2.0
TLP2962F TOSHIBA-TLP2962F Datasheet
334Kb / 13P
Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-16 Rev.3.0
TLP358H TOSHIBA-TLP358H Datasheet
516Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-18 Rev.6.0
TLP5832 TOSHIBA-TLP5832 Datasheet
1Mb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2019-02-26 Rev.2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com