Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

130B12-E Datasheet (PDF) - METZ CONNECT GmbH

130B12-E Datasheet PDF - METZ CONNECT GmbH
Part # 130B12-E
Download  130B12-E Download
File Size   1329.1 Kbytes
Page   10 Pages
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH
Description C6Amodul 270° jack

130B12-E Datasheet (PDF)

Go To PDF Page Download Datasheet
130B12-E Datasheet PDF - METZ CONNECT GmbH

Part # 130B12-E
Download  130B12-E Click to download

File Size   1329.1 Kbytes
Page   10 Pages
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH
Description C6Amodul 270° jack

130B12-E Datasheet (HTML) - METZ CONNECT GmbH


130B12-E Product details

Product specification
• modular Cat.6A termination unit RJ45
• mounting version: module, 270° cable feed
• solid, one-piece and reusable module housing refined with zinc die-casting
• mounting without special tools; strain relief directly snapped on to stuffer cap
• easy to install connection of data lines AWG 26/1 to 22/1 (solid wire) and AWG 26/7 to 22/7 (stranded wire) to insulation displacement
connectors (IDC)
• intelligent cable management in stuffer cap - also suitable for heavily twisted cables
• conductor assignment to T568A and T568B is directly printed on the stuffer cap
• certified to GHMT Cat.6A re-embedded PVP
• Cat.6A component test according to ISO/IEC 11801, DIN EN 50173-1, ANSI/TIA-568.2-D and IEC 60603-7-51, GHMT certified
• compliance with class EA up to 500 MHz according to ISO/IEC 11801, DIN EN 50173-1
• tested: component up to 600 MHz, link up to 800 MHz
• suitable for 10 GBit Ethernet (IEEE 802.3an), Remote Powering (PoE, PoE plus, UPoE and 4PPoE) and HDBaseT




Similar Part No. - 130B12-E

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
130B12-E METZ-130B12-E Datasheet
333Kb / 8P
REGplus IP20 E-DAT modul
2023/02/14 Version: AM
130B12-E METZ-130B12-E Datasheet
245Kb / 6P
Modul REGplus IP20 light gray unequipped
2022/07/15 Version: Q
130B12-E METZ-130B12-E Datasheet
244Kb / 7P
REGplus IP20 E-DAT modul coupler 180°
2023/02/15 Version: AC
130B12-E METZ-130B12-E Datasheet
243Kb / 7P
REGplus IP20 E-DAT modul coupler 90°
2023/02/15 Version: AB
130B12-E METZ-130B12-E Datasheet
250Kb / 8P
REGplus IP20 C6Amodul 180°M
2023/02/15 Version: AB
More results


Similar Description - 130B12-E

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
130B11-E METZ-130B11-E Datasheet
787Kb / 12P
C6Amodul 180° jack
2023/02/15 Version: AU
130B12-25-E METZ-130B12-25-E Datasheet
1Mb / 6P
25Gmodul 270° Jack
2022/07/15 Version: B
130B127003-E METZ-130B127003-E Datasheet
254Kb / 8P
REGplus IP20 C6Amodul 270°M
2023/02/15 Version: AE
130B12D11200-E METZ-130B12D11200-E Datasheet
424Kb / 9P
C6Amodul 1 port 270°M UP0
2022/07/15 Version: AE
130B12D20002-E METZ-130B12D20002-E Datasheet
3Mb / 8P
C6Amodul 2 port 270°M AP pure white
2022/07/15 Version: AD
130B12D21200-E METZ-130B12D21200-E Datasheet
451Kb / 9P
C6Amodul 2 port 270°M UP0
2022/07/15 Version: AD
130B21-E METZ-130B21-E Datasheet
662Kb / 9P
C6Amodul K 180° jack - keystone style
2023/02/15 Version: AQ
130B22-25-E METZ-130B22-25-E Datasheet
1Mb / 6P
25Gmodul - Keystone 270° Jack
2022/07/19 Version: B
130B22-E METZ-130B22-E Datasheet
1Mb / 9P
C6Amodul K 270° jack - keystone style
2023/02/15 Version: AO
130B23-E METZ-130B23-E Datasheet
1Mb / 9P
C6Amodul K 90° jack - keystone style
2023/02/15 Version: AO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com