Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

130B12-E Datasheet(PDF) 5 Page - METZ CONNECT GmbH

Part # 130B12-E
Description  C6Amodul 270° jack
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH

130B12-E Datasheet(HTML) 5 Page - METZ CONNECT GmbH

  130B12-E Datasheet HTML 1Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 2Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 3Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 4Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 5Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 6Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 7Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 8Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 9Page - METZ CONNECT GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data sheet
C6Amodul 270° jack
Page 5/10
P/N
130B12-E
EAN 4250184133452
2023/02/15
Version: AP
Technical Data
Approvals
CE
compliant
UL listed (file no.)
DUXR.E178484
Standards/Regulations
Generic cabling systems
General requirements
ANSI/TIA-568-C
Office buildings
ISO/IEC 11801 Ed.2.2: 2011-06 | DIN EN 50173-2
ANSI/TIA-568-C
Living units
ISO/IEC 15018 | DIN EN 50173-4
ANSI/TIA-570-B
Connectors for electronic equipment
Free and fixed connectors
IEC 60603-7-51
Connectors for electronic equipment - Tests and measurements
Test standard for connectors (engaging and
separating connectors under electrical load)
DIN-EN 60512-99-001, DIN-EN 60512-99-002
Endurance tests
IEC 60512-9-3: 03-2009
Interference proof
Immunity for industrial environments
DIN EN 61000-6-2:2006-03
Emission proof
Electromagnetic emission for residential,
commercial and light-industrial environments
DIN EN 61000-6-3:2011-09
Climate tests
IEC 60512-11
Classifications
ETIM 5.0
EC001121
ETIM 6.0
EC001121
ETIM 7.0
EC001121
ETIM 8.0
EC001121



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com