Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

130B12-E Datasheet(PDF) 6 Page - METZ CONNECT GmbH

Part # 130B12-E
Description  C6Amodul 270° jack
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH

130B12-E Datasheet(HTML) 6 Page - METZ CONNECT GmbH

Back Button 130B12-E Datasheet HTML 2Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 3Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 4Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 5Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 6Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 7Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 8Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 9Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 10Page - METZ CONNECT GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data sheet
C6Amodul 270° jack
Page 6/10
P/N
130B12-E
EAN 4250184133452
2023/02/15
Version: AP
Technical Data
Packing details
Type of packaging
10 pc(s) / box
Packaging unit - Weight (gram)
420 g
Packaging unit - Weight (pound)
0.93 lb
Packaging dimension
258 mm x 164 mm x 51 mm
Packaging dimension
10.157 in. x 6.457 in. x 2.008 in.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com