Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

130B12-E Datasheet(PDF) 7 Page - METZ CONNECT GmbH

Part # 130B12-E
Description  C6Amodul 270° jack
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH

130B12-E Datasheet(HTML) 7 Page - METZ CONNECT GmbH

Back Button 130B12-E Datasheet HTML 2Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 3Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 4Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 5Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 6Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 7Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 8Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 9Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 10Page - METZ CONNECT GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data sheet
C6Amodul 270° jack
Page 7/10
P/N
130B12-E
EAN 4250184133452
2023/02/15
Version: AP
Accessories
P/N
Designation
820032-0102-I
Dust protection cover for C6Amodul pure white
820032-0103-I
Dust protection cover for C6Amodul light gray
820032-0105-I
Dust protection cover for C6Amodul yellow
820032-0106-I
Dust protection cover for C6Amodul blue
820032-0107-I
Dust protection cover for C6Amodul green
820032-0108-I
Dust protection cover for C6Amodul red
820032-0129-I
Dust protection cover for C6Amodul black



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com