Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

130B12-E Datasheet(PDF) 4 Page - METZ CONNECT GmbH

Part # 130B12-E
Description  C6Amodul 270° jack
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH

130B12-E Datasheet(HTML) 4 Page - METZ CONNECT GmbH

  130B12-E Datasheet HTML 1Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 2Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 3Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 4Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 5Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 6Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 7Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 8Page - METZ CONNECT GmbH 130B12-E Datasheet HTML 9Page - METZ CONNECT GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Data sheet
C6Amodul 270° jack
Page 4/10
P/N
130B12-E
EAN 4250184133452
2023/02/15
Version: AP
Technical Data
Mechanical data
Cut-out
module
Mounting method
snap-in function
Insertion and withdrawal force
max. 30 N
Position/mounting of latch
standard installation position
top
strain relief
latching clip
Materials and material properties
Material - Housing
GD-Zn (zinc die-cast)
Material - Contact
Spring steel
Material - Contact finish
Au (gold)
Material - Shield
GD-Zn (zinc die-cast)
Material - Stuffer cap
PA 6.6 UL94 V0
Material - Strain relief
PA 6.6 UL94 V0
Halogen free
yes
Silicone free
no paint wetting interfering substances (LaBS) in the process
chain
LaBS Note
subsequent contamination possible due to handling and possible
storage in your company
Material - Finish
Ni (nickel)
RoHS
compliant
REACH
compliant
Environmental conditions
Rapid change of temperature
-40°C / -40°F - +70°C / 158°F / 25 cycles t=30 min
Certifications
GHMT PVP
yes



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com