Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER222 Datasheet (PDF) - STMicroelectronics

VIPER222 Datasheet PDF - STMicroelectronics
Part # VIPER222
Download  VIPER222 Download
File Size   650.23 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High voltage converter

VIPER222 Datasheet (PDF)

Go To PDF Page Download Datasheet
VIPER222 Datasheet PDF - STMicroelectronics

Part # VIPER222
Download  VIPER222 Click to download

File Size   650.23 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High voltage converter

VIPER222 Datasheet (HTML) - STMicroelectronics


VIPER222 Product details

Description
The VIPER222 device is a high performance high voltage converter that combines a
730 V rugged power MOSFET with a PWM control. The device embeds the high
voltage startup and the current sense circuit, avoiding the use of extra components in
the BoM. Frequency jittering spreads the EMI and allows the use of a small filter. The
burst mode technique allows to obtain a very low input power consumption at light
load.

Features
• 730 V avalanche rugged power MOSFET
• PWM controller
• 1.2 V reference voltage
• Frequency jittering
• 40 mW no load input power at 230 VAC
• Short-circuit protection
• Thermal shutdown

Application
• Auxiliary SMPS for home appliances, consumer, industrial, lighting.




Similar Part No. - VIPER222

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER22-LED-EV STMICROELECTRONICS-VIPER22-LED-EV Datasheet
392Kb / 21P
Low power OFF-line SMPS primary switcher
25-Nov-2010
VIPER22A STMICROELECTRONICS-VIPER22A Datasheet
262Kb / 15P
LOW POWER OFF LINE SMPS PRIMARY SWITCHER
rev. A
VIPER22A-E STMICROELECTRONICS-VIPER22A-E Datasheet
409Kb / 21P
Low power OFF-line SMPS primary switcher
25-Nov-2010
VIPER22ADIP STMICROELECTRONICS-VIPER22ADIP Datasheet
262Kb / 15P
LOW POWER OFF LINE SMPS PRIMARY SWITCHER
rev. A
VIPER22ADIP-E STMICROELECTRONICS-VIPER22ADIP-E Datasheet
304Kb / 20P
Low Power OFF-Line SMPS Primary Switcher
09-Feb-2006
More results


Similar Description - VIPER222

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE1913 A-POWER-APE1913 Datasheet
308Kb / 9P
1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
Recom International Pow...
R24-100B RECOM-R24-100B Datasheet
90Kb / 3P
High Output Voltage DIP24 converter
logo
Solid States Devices, I...
PM0006 SSDI-PM0006_15 Datasheet
113Kb / 2P
DUAL HIGH VOLTAGE CONVERTER
logo
MagnaChip Semiconductor...
MAP7103 MGCHIP-MAP7103 Datasheet
617Kb / 9P
3A, High Voltage Boost Converter
logo
ON Semiconductor
NCP4060 ONSEMI-NCP4060 Datasheet
1Mb / 20P
High Voltage Synchronous Buck Converter
January, 2018 ??Rev. 3
logo
Major-Power Technology ...
MA2003 MPOWER-MA2003 Datasheet
352Kb / 7P
1.2MHz, High Voltage, Boost Converter
MA2011 MPOWER-MA2011 Datasheet
192Kb / 2P
3A High Voltage Boost Converter
logo
ACE Technology Co., LTD...
ACE7166X ACE-ACE7166X Datasheet
396Kb / 4P
1.2MHz, High Voltage, Boost Converter
VER 1.2
logo
ON Semiconductor
NCP4060A ONSEMI-NCP4060A Datasheet
1Mb / 21P
Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
logo
Analog Devices
MAX17291C AD-MAX17291C Datasheet
637Kb / 10P
High-Voltage, Micropower, Boost Converter
19-101696; Rev 0; 9/23
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com