Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER222 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VIPER222
Description  High voltage converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER222 Datasheet(HTML) 4 Page - STMicroelectronics

  VIPER222 Datasheet HTML 1Page - STMicroelectronics VIPER222 Datasheet HTML 2Page - STMicroelectronics VIPER222 Datasheet HTML 3Page - STMicroelectronics VIPER222 Datasheet HTML 4Page - STMicroelectronics VIPER222 Datasheet HTML 5Page - STMicroelectronics VIPER222 Datasheet HTML 6Page - STMicroelectronics VIPER222 Datasheet HTML 7Page - STMicroelectronics VIPER222 Datasheet HTML 8Page - STMicroelectronics VIPER222 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
3
Electrical and thermal ratings
Table 3. Absolute maximum rating
Symbol
Pin
Parameter
Value
Unit
Min.
Max.
VDS
6-10
Drain-to-source (ground) voltage
730
V
ID
6-10
Pulse drain current (limited by TJ = 150 °C)
2
A
VEA-IN
4
Input pin voltage
-0.3
4.8
V
VEA-OUT
5
Out pin voltage
-0.3
4.8
V
VCC
2
Supply voltage
-0.3
Self
limited
V
ICC
2
Input current
45
mA
PTOT
Power dissipation at TAMB < 50 °C
1(1)
W
TJ
Junction temperature range
-40
150
°C
TSTG
Storage temperature
-55
150
°C
1. When mounted on a standard single side FR4 board with 100 mm² (0.1552 inch) of Cu (35 μm thick)..
Table 4. Thermal data
Symbol
Parameter
Max. value
Unit
RTH-JC
Thermal resistance junction to case (1)
(Dissipated power = 1 W)
10
°C/W
RTH-JC
Thermal resistance junction ambient (1)
(Dissipated power = 1 W)
155
°C/W
RTH-JC
Thermal resistance junction to case (2)
(Dissipated power = 1 W)
5
°C/W
RTH-JC
Thermal resistance junction ambient (2)
(Dissipated power = 1 W)
95
°C/W
1. When mounted on a standard single side FR4 board with minimum copper area.
2. When mounted on a standard single side FR4 board with 100 mm2 (0.155sq in) of Cu (35 μm thick).
VIPER222
Electrical and thermal ratings
DS13192 - Rev 2
page 4/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com