Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER222 Datasheet(PDF) 8 Page - STMicroelectronics

Part # VIPER222
Description  High voltage converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER222 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VIPER222 Datasheet HTML 4Page - STMicroelectronics VIPER222 Datasheet HTML 5Page - STMicroelectronics VIPER222 Datasheet HTML 6Page - STMicroelectronics VIPER222 Datasheet HTML 7Page - STMicroelectronics VIPER222 Datasheet HTML 8Page - STMicroelectronics VIPER222 Datasheet HTML 9Page - STMicroelectronics VIPER222 Datasheet HTML 10Page - STMicroelectronics VIPER222 Datasheet HTML 11Page - STMicroelectronics VIPER222 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
5
Typical electrical characteristics
Figure 4. ILIM vs. TJ
0.9
0.95
1
1.05
1.1
1.15
-50
-25
0
25
50
75
100
125
150
ILIM/(ILIM@25°C)
Tj(°C)
FIG 4
Figure 5. VREF vs. TJ
0.99
0.995
1
1.005
1.01
-50
-25
0
25
50
75
100
125
150
VREF/(VREF@25°C)
Tj(°C)
Figure 6. ICC0 vs. TJ
0.7
0.9
1.1
1.3
1.5
-50
-25
0
25
50
75
100
125
150
ICC0/(ICC0@25°C)
Tj(°C)
Figure 7. ICC1 vs. TJ
0.8
0.9
1
1.1
1.2
-50
-25
0
25
50
75
100
125
150
ICC1/(ICC1@25°C)
Tj(°C)
Figure 8. RDS(on) vs. TJ
0
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
Tj(°C)
RDS(on)/(RDS(on)@25°C)
Figure 9. VBVDSS vs. Tj
0.9
1
1.1
1.2
-50
0
50
100
150
VBVDSS/(VBVDSS@25°C)
Tj(°C)
VIPER222
Typical electrical characteristics
DS13192 - Rev 2
page 8/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com