Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER222 Datasheet(PDF) 10 Page - STMicroelectronics

Part # VIPER222
Description  High voltage converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER222 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VIPER222 Datasheet HTML 6Page - STMicroelectronics VIPER222 Datasheet HTML 7Page - STMicroelectronics VIPER222 Datasheet HTML 8Page - STMicroelectronics VIPER222 Datasheet HTML 9Page - STMicroelectronics VIPER222 Datasheet HTML 10Page - STMicroelectronics VIPER222 Datasheet HTML 11Page - STMicroelectronics VIPER222 Datasheet HTML 12Page - STMicroelectronics VIPER222 Datasheet HTML 13Page - STMicroelectronics VIPER222 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Thanks to this protection, each time the DRAIN peak current exceeds ILIM level within tON_MIN, one switching
cycle is skipped. The cycles can be skipped until the minimum switching frequency FOSCmin (15 kHz typ.) is
reached. Each time the DRAIN peak current does not exceed ILIM within tON_MIN, one switching cycle is restored.
The cycles can be restored until the nominal switching frequency is reached, FOSC (30 or 60 kHz).
6.4
Burst mode at light load
When the load decreases, the feedback loop reacts lowering the EA-OUT pin voltage. If it goes below the VEA-BM
threshold, the DRAIN peak current is reduced to ILIM_BM, avoiding audible noise which could arise from low
switching frequency. When the load is increased, VEA_OUT increases. As it reaches the VEA_SAT threshold, the
DRAIN peak current reaches its maximum value, ILIM.
6.5
Short-circuit protection
In case of overload or short-circuit on the output, the IC runs at ILIM.
If this condition is removed before 50ms, the IC continues its normal operation.
If this condition lasts for tOVL (50ms, typ.), the protection is tripped, the device stops switching for tRESTART (1 sec.
typ.), then resumes switching with soft-start phase. If the fault is still present, after tOVL, the IC is disabled again
for tRESTART; otherwise it resumes normal operation.
If the converter is definitively operated at FOSC_MIN, (see Section 6.3 ), the overload time will increase to
tOVL_MAX (100 ms typ. for VIPER222XSTR; 200 ms typ. for VIPER222LSTR).
During the fault event, the VCC voltage is maintained between VCCL (4.25 V) and VON (16 V) by the periodical
activation of the high voltage current source.
6.6
VCC clamp protection
If VCC reaches the clamp level VCLAMP and the current injected into the pin exceeds the internal threshold
ICC_FAIL for more than tCC_FAIL, a fault condition is detected. The PWM is disabled for tRESTART and then activated
again in soft-start phase. The protection is disabled during the soft-start time.
VIPER222
Burst mode at light load
DS13192 - Rev 2
page 10/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com