Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER222 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VIPER222
Description  High voltage converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER222 Datasheet(HTML) 2 Page - STMicroelectronics

  VIPER222 Datasheet HTML 1Page - STMicroelectronics VIPER222 Datasheet HTML 2Page - STMicroelectronics VIPER222 Datasheet HTML 3Page - STMicroelectronics VIPER222 Datasheet HTML 4Page - STMicroelectronics VIPER222 Datasheet HTML 5Page - STMicroelectronics VIPER222 Datasheet HTML 6Page - STMicroelectronics VIPER222 Datasheet HTML 7Page - STMicroelectronics VIPER222 Datasheet HTML 8Page - STMicroelectronics VIPER222 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1
Pin setting
Figure 2. Connection diagram
VCC
GND
DRAIN
EA-IN
NC
DRAIN
DRAIN
DRAIN
EA-OUT
DRAIN
1
2
3
4
10
9
8
7
5
6
Table 1. Pin description
SSOP10
Name
Function
1
GND
Connected to the source of the internal power MOSFET and controller ground
reference.
2
VCC
Supply voltage of the control section. This pin provides the charging current of the
external capacitor.
3
NC
Not connected. The pin must be connected to GND pin.
4
EA-IN
Input of the error amplifier.
5
EA-OUT
Output of the error amplifier.
6-10
DRAIN
High voltage drain pin. The start-up bias current is drawn from this pin too. Connect
to a PCB copper area to facilitate the heat dissipation.
VIPER222
Pin setting
DS13192 - Rev 2
page 2/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com