Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS548G-05 Datasheet (PDF) - Integrated Circuit Systems

ICS548G-05 Datasheet PDF - Integrated Circuit Systems
Part # ICS548G-05
Download  ICS548G-05 Download
File Size   71.3 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description MP3 Audio Clock

ICS548G-05 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS548G-05 Datasheet PDF - Integrated Circuit Systems

Part # ICS548G-05
Download  ICS548G-05 Click to download

File Size   71.3 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description MP3 Audio Clock

ICS548G-05 Datasheet (HTML) - Integrated Circuit Systems


ICS548G-05 Product details

Description
The ICS548-05 is a low cost, low jitter, high performance clock synthesizer designed to produce audio sampling rates for MP3 systems.

Features
• Packaged in 16 pin TSSOP
• Ideal for Cirrus Logic’s MP3 chips
• Replaces multiple oscillators
• 3.3V (will work down to 2.7V) or 5V operation
• Uses an inexpensive 3.6864 MHz crystal or
   clock input
• Supports 32 kHz, 44.1 kHz, 48 kHz, and 96 kHz
   audio sampling rates
• Provides 128fs and 256fs clocks
• Zero ppm synthesis error
• Includes Power Down features
• Advanced, low power, sub-micron CMOS process




Similar Part No. - ICS548G-05

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS548-03 ICST-ICS548-03 Datasheet
75Kb / 4P
Low Skew Clock Inverter and Divider
Revision 042700
logo
Renesas Technology Corp
ICS548-05 RENESAS-ICS548-05 Datasheet
250Kb / 8P
T1/E1 CLOCK MULTIPLIER
091511
logo
Integrated Device Techn...
ICS548A-03 IDT-ICS548A-03 Datasheet
187Kb / 7P
LOW SKEW CLOCK INVERTER AND DIVIDER
logo
Renesas Technology Corp
ICS548A-03 RENESAS-ICS548A-03 Datasheet
327Kb / 8P
LOW SKEW CLOCK INVERTER AND DIVIDER
063006
logo
Integrated Device Techn...
ICS548AM-03LF IDT-ICS548AM-03LF Datasheet
187Kb / 7P
LOW SKEW CLOCK INVERTER AND DIVIDER
More results


Similar Description - ICS548G-05

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT8401 PTC-PT8401 Datasheet
228Kb / 28P
MP3 Audio Decoder
logo
Cirrus Logic
CS7410 CIRRUS-CS7410 Datasheet
366Kb / 39P
CD/MP3/WMA Audio Controller
logo
List of Unclassifed Man...
VS1003 ETC-VS1003 Datasheet
456Kb / 57P
MP3 / WMA AUDIO CODEC
VS1011 ETC1-VS1011 Datasheet
420Kb / 43P
MP3 AUDIO CODEC
VS1002D ETC1-VS1002D Datasheet
516Kb / 54P
MP3 AUDIO CODEC
logo
Princeton Technology Co...
PT8402B PTC-PT8402B Datasheet
185Kb / 5P
MP3 Audio Decoder IC
PT8402B PTC-PT8402B_10 Datasheet
185Kb / 5P
MP3 Audio Decoder IC
logo
List of Unclassifed Man...
VS1011E ETC2-VS1011E_12 Datasheet
654Kb / 48P
MP3 AUDIO DECODER
logo
VLSI Solution Oy
VS1003 VLSI-VS1003 Datasheet
722Kb / 61P
VS1003 - MP3/WMA AUDIO CODEC
Version: 1.09, 2018-03-16
VS1011 VLSI-VS1011 Datasheet
600Kb / 49P
VS1011e - MP3 AUDIO DECODER
Version: 1.23, 2017-09-08
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com