Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZT3241E Datasheet (PDF) - ASIX Electronics Corporation

ZT3241E Datasheet PDF - ASIX Electronics Corporation
Part # ZT3241E
Download  ZT3241E Download
File Size   1358.79 Kbytes
Page   16 Pages
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation
Description Low Power 3V to 5.5V 3D/5R 250Kbps RS232 Transceivers

ZT3241E Datasheet (PDF)

Go To PDF Page Download Datasheet
ZT3241E Datasheet PDF - ASIX Electronics Corporation

Part # ZT3241E
Download  ZT3241E Click to download

File Size   1358.79 Kbytes
Page   16 Pages
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation
Description Low Power 3V to 5.5V 3D/5R 250Kbps RS232 Transceivers

ZT3241E Datasheet (HTML) - ASIX Electronics Corporation


ZT3241E Product details

Features
• Meets or Exceeds the EIA/TIA-232F and CCITT V.28/V.24 Specifications for VCC at +3.3V ±10% and +5V ±10% Operations
• Interoperable with EIA/TIA-232 and adheres to EIA/TIA-562 down to a +2.7V power source
• Low quiescent current – 0.5mA typ., 1mA max.
• Low shutdown current (where applicable) - 1μA typical, 10μA max.
• Guaranteed data rate 250Kbps
• Proprietary Switch-Capacitor Regulated Voltage Converters (patent pending)
• Proprietary AUTOGREEN Power Saving (patent pending)
• Latch-up Free
• ESD Protection for RS-232 I/O's
±15KV Human Body Model (HBM)
±15KV IEC61000-4-2 Air Gap Discharge
±8KV IEC61000-4-2 Contact Discharge
• Drop-in Replacements for MAX3243E, ICL3243E, ISL4243E, ST3243E and SP3243E
• High Data Rate at 1000Kbps Available on ZT3243F Series




Similar Part No. - ZT3241E

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
ZT30 LAMBDA-ZT30 Datasheet
152Kb / 2P
Triple output 30W ~ 170W
ZT30-522 LAMBDA-ZT30-522 Datasheet
152Kb / 2P
Triple output 30W ~ 170W
ZT30-525 LAMBDA-ZT30-525 Datasheet
152Kb / 2P
Triple output 30W ~ 170W
ZT30-5FF LAMBDA-ZT30-5FF Datasheet
152Kb / 2P
Triple output 30W ~ 170W
logo
Zywyn Corporation
ZT310E ZYWYN-ZT310E Datasheet
1Mb / 14P
Low Power 5V 250kbps RS232 Transceivers
rev. 04
More results


Similar Description - ZT3241E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3217 INTERSIL-ICL3217 Datasheet
297Kb / 11P
Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
July 2004
ICL3224 INTERSIL-ICL3224 Datasheet
445Kb / 20P
1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
November 2002
ICL3224 INTERSIL-ICL3224_06 Datasheet
400Kb / 18P
1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
March 1, 2006
ICL3207 INTERSIL-ICL3207_05 Datasheet
240Kb / 11P
Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
October 20, 2005
ICL3226CA INTERSIL-ICL3226CA Datasheet
408Kb / 18P
1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
March 1, 2006
logo
Renesas Technology Corp
ICL3207 RENESAS-ICL3207 Datasheet
624Kb / 12P
Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3207E RENESAS-ICL3207E Datasheet
657Kb / 13P
/- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
logo
AiT Semiconductor Inc.
A3232 AITSEMI-A3232 Datasheet
455Kb / 8P
A3232INTERFACE 3V TO 5.5V, 250kbps RS-232 TRANSCEIVERS
REV1.0 - JULY 2022
logo
Renesas Technology Corp
ICL3224 RENESAS-ICL3224 Datasheet
410Kb / 27P
1μA, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic
May.29.19
logo
3PEAK INC.
TPT3232E 3PEAK-TPT3232E Datasheet
585Kb / 10P
3V to 5.5V, 250kbps RS-232 Transceivers
Rev. B.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com