Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT76CSDC12VS0.25 Datasheet (PDF) - DB Lectro Inc

NT76CSDC12VS0.25 Datasheet PDF - DB Lectro Inc
Part # NT76CSDC12VS0.25
Download  NT76CSDC12VS0.25 Download
File Size   460.1 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description Super light in weight. / Switching capacity up to 16A.

NT76CSDC12VS0.25 Datasheet (PDF)

Go To PDF Page Download Datasheet
NT76CSDC12VS0.25 Datasheet PDF - DB Lectro Inc

Part # NT76CSDC12VS0.25
Download  NT76CSDC12VS0.25 Click to download

File Size   460.1 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description Super light in weight. / Switching capacity up to 16A.

NT76CSDC12VS0.25 Datasheet (HTML) - DB Lectro Inc




Similar Part No. - NT76CSDC12VS0.25

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT76CSCD100VC DBLECTRO-NT76CSCD100VC Datasheet
538Kb / 2P
Switching capacity up to 16A
NT76CSCD100VS DBLECTRO-NT76CSCD100VS Datasheet
538Kb / 2P
Switching capacity up to 16A
NT76CSCD12VC DBLECTRO-NT76CSCD12VC Datasheet
538Kb / 2P
Switching capacity up to 16A
NT76CSCD12VS DBLECTRO-NT76CSCD12VS Datasheet
538Kb / 2P
Switching capacity up to 16A
NT76CSCD18VC DBLECTRO-NT76CSCD18VC Datasheet
538Kb / 2P
Switching capacity up to 16A
More results


Similar Description - NT76CSDC12VS0.25

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
CTA12 CIT-CTA12 Datasheet
147Kb / 2P
Switching capacity up to 20A Small size and light weight
logo
DB Lectro Inc
NT77 DBLECTRO-NT77 Datasheet
310Kb / 2P
Super light in weight. / Switching capacity up to 12A.
NT75-1 DBLECTRO-NT75-1 Datasheet
238Kb / 2P
Low coil consumption. / Switching capacity up to 16A.
NT75 DBLECTRO-NT75 Datasheet
479Kb / 2P
Switching capacity up to 16A.
NT76 DBLECTRO-NT76_05 Datasheet
538Kb / 2P
Switching capacity up to 16A
logo
HuaXinAn Electronics CO...
NT76A HUAXINAN-NT76A Datasheet
524Kb / 1P
Super light in weight
NT76C HUAXINAN-NT76C Datasheet
524Kb / 1P
Super light in weight
NT77 HUAXINAN-NT77 Datasheet
490Kb / 1P
Super light in weight
logo
CIT Relay & Switch
J114AF CIT-J114AF Datasheet
105Kb / 3P
Switching capacity 16A
J151 CIT-J151 Datasheet
290Kb / 4P
Switching capacity up to 20A; small size and light weight
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com