Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

843242 Datasheet (PDF) - Renesas Technology Corp

843242 Datasheet PDF - Renesas Technology Corp
Part # 843242
Download  843242 Download
File Size   484.72 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-To-3.3V LVPECL Frequency Synthesizers

843242 Datasheet (PDF)

Go To PDF Page Download Datasheet
843242 Datasheet PDF - Renesas Technology Corp

Part # 843242
Download  843242 Click to download

File Size   484.72 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-To-3.3V LVPECL Frequency Synthesizers

843242 Datasheet (HTML) - Renesas Technology Corp


843242 Product details

General Description
The 843242 is a two differential output LVPECL Synthesizer
designed to generate Ethernet reference clock frequencies. Using a
31.25MHz or 26.041666MHz, 18pF parallel resonant crystal, the
following frequencies can be generated based on the settings of 4
frequency select pins (SELA[1:0], SELB[1:0]): 625MHz, 312.5MHz,
156.25MHz, and 125MHz.
The two banks have their own dedicated frequency select pins and
can be independently set for the frequencies mentioned above. The
843242 IDT’s 3rd generation low phase noise VCO technology and
can achieve 1ps or lower typical rms phase jitter, easily meeting
Ethernet jitter requirements. The 843242 is packaged in a small
16-pin TSSOP package.

Features
• Two differential LVPECL output pairs
• Using a 31.25MHz or 26.041666MHz crystal, the two output
banks can be independently set for 625MHz, 312.5MHz,
156.25MHz or 125MHz
• Crystal oscillator interface
• RMS Phase Jitter @ 625MHz, (1.875MHz – 20MHz) using a
25MHz crystal: 0.4ps (typical)
• Full 3.3V supply mode
• 0°C to 70°C ambient operating temperature
• Lead-free (RoHS 6) packaging




Similar Part No. - 843242

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843246BGILF IDT-843246BGILF Datasheet
323Kb / 18P
Femtoclocks Crystal-to-3.3V LVPECL Frequency Synthesizer W/Integrated Fanout Buffer
843246BGILFT IDT-843246BGILFT Datasheet
323Kb / 18P
Femtoclocks Crystal-to-3.3V LVPECL Frequency Synthesizer W/Integrated Fanout Buffer
843246I IDT-843246I Datasheet
323Kb / 18P
Femtoclocks Crystal-to-3.3V LVPECL Frequency Synthesizer W/Integrated Fanout Buffer
logo
Renesas Technology Corp
843246I RENESAS-843246I Datasheet
548Kb / 19P
Femtoclocks™ Crystal-to-3.3V LVPECL Frequency Synthesizer W/Integrated Fanout Buffer
December 8, 2015
More results


Similar Description - 843242

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V43042 RENESAS-8V43042 Datasheet
702Kb / 20P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
November 3, 2016
843002-01 RENESAS-843002-01 Datasheet
518Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
4/6/15
843003I-01 RENESAS-843003I-01 Datasheet
431Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
DECEMBER 8, 2014
843204I-01 RENESAS-843204I-01 Datasheet
386Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
11/5/15
843252 RENESAS-843252 Datasheet
572Kb / 18P
FemtoClock® Crystal-to- 3.3V LVPECL Frequency Synthesizer
January 20, 2016
8430252-45 RENESAS-8430252-45 Datasheet
436Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
5/27/15
8430252I-45 RENESAS-8430252I-45 Datasheet
294Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
DECEMBER 9, 2014
8433625 RENESAS-8433625 Datasheet
604Kb / 20P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizerㄴ
February 2, 2016
843004-125 RENESAS-843004-125 Datasheet
454Kb / 16P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 18, 2016
843204I RENESAS-843204I Datasheet
606Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 19, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com