Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8433625 Datasheet (PDF) - Renesas Technology Corp

8433625 Datasheet PDF - Renesas Technology Corp
Part # 8433625
Download  8433625 Download
File Size   604.05 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizerㄴ

8433625 Datasheet (PDF)

Go To PDF Page Download Datasheet
8433625 Datasheet PDF - Renesas Technology Corp

Part # 8433625
Download  8433625 Click to download

File Size   604.05 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizerㄴ

8433625 Datasheet (HTML) - Renesas Technology Corp


8433625 Product details

General Description
The 8433625 is a 3 differential output LVPECL Synthesizer designed
to generate Ethernet reference clock frequencies. Using a 25MHz or
26.041666MHz, 18pF parallel resonant crystal, the following
frequencies can be generated based on the settings of 4 frequency
select pins (DIV_SELA[1:0], DIV_SELB[1:0]): 625MHz, 312.5MHz,
156.25MHz, and 125MHz. The 8433625 has 2 output banks, Bank A
with 1 differential LVPECL output pair and Bank B with 2 differential
LVPECL output pairs.
The two banks have their own dedicated frequency select pins and
can be independently set for the frequencies mentioned above. The
8433625 uses IDT’s 3rd generation low phase noise VCO technology
and can achieve 1ps or lower typical rms phase jitter, easily meeting
Ethernet jitter requirements. The 8433625 is packaged in a small
24-pin TSSOP package.

Features
• Three 3.3V LVPECL outputs on two banks, A Bank with one
LVPECL pair and B Bank with 2 LVPECL output pairs
• Using a 25MHz or 26.041666 crystal, the two output banks can be
independently set for 625MHz, 312.5MHz, 156.25MHz or 125MHz
• Selectable crystal oscillator interface
or LVCMOS/LVTTL single-ended input
• VCO range: 520MHz – 680MHz
• RMS phase jitter @ 156.25MHz (1.875MHz - 20MHz):
0.3ps (typical)
• Full 3.3V supply mode
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 8433625

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8433625 IDT-8433625 Datasheet
412Kb / 19P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
8433625AGLF IDT-8433625AGLF Datasheet
412Kb / 19P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
8433625AGLFT IDT-8433625AGLFT Datasheet
412Kb / 19P
FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
More results


Similar Description - 8433625

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V43042 RENESAS-8V43042 Datasheet
702Kb / 20P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
November 3, 2016
843002-01 RENESAS-843002-01 Datasheet
518Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
4/6/15
843003I-01 RENESAS-843003I-01 Datasheet
431Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
DECEMBER 8, 2014
843204I-01 RENESAS-843204I-01 Datasheet
386Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
11/5/15
843242 RENESAS-843242 Datasheet
484Kb / 19P
FemtoClock® Crystal-To-3.3V LVPECL Frequency Synthesizers
1/30/15
843252 RENESAS-843252 Datasheet
572Kb / 18P
FemtoClock® Crystal-to- 3.3V LVPECL Frequency Synthesizer
January 20, 2016
8430252-45 RENESAS-8430252-45 Datasheet
436Kb / 18P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
5/27/15
8430252I-45 RENESAS-8430252I-45 Datasheet
294Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
DECEMBER 9, 2014
843004-125 RENESAS-843004-125 Datasheet
454Kb / 16P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 18, 2016
843204I RENESAS-843204I Datasheet
606Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 19, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com