Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB582 Datasheet (PDF) - STMicroelectronics

TSB582 Datasheet PDF - STMicroelectronics
Part # TSB582
Download  TSB582 Download
File Size   2045.53 Kbytes
Page   34 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 200 mA output current with thermal shutdown and output current limiter, 3.1 MHz,36 V, BiCMOS dual operational amplifier

TSB582 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSB582 Datasheet PDF - STMicroelectronics

Part # TSB582
Download  TSB582 Click to download

File Size   2045.53 Kbytes
Page   34 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 200 mA output current with thermal shutdown and output current limiter, 3.1 MHz,36 V, BiCMOS dual operational amplifier

TSB582 Datasheet (HTML) - STMicroelectronics


TSB582 Product details

Features
• Wide supply voltage: 4 V - 36 V
• High output current 200 mA
• Rail-to-rail output, low rail input
• Gain bandwidth product: 3.1 MHz
• High slew rate: 2 V/μs
• Internal thermal shutdown & output current limiter
• Enhanced RF noise immunity
• High tolerance to ESD: 4 kV HBM
• Extended temperature range: -40 °C to 125 °C
• Automotive grade
• Low noise 45 nV/√Hz @ 1 kHz
• Icc (typ.) = 2.3 mA
• Unity gain stable
• Low offset 2.4 mV max. (25 °C) / 3 mV max. (full temperature range)
• Low input bias current
• Packages: SO8 & DFN8 exposed pad

Applications
• Servo driver
• Valve driver
• DC power supply, AC source
• Portable instrumentation
• Line drivers
• Motor control
• Angle resolver
• LED driver
• Industrial process control

Description
The TSB582 is a unity gain stable, dual operational amplifier with high voltage and
high current capability, featuring internal protections against overtemperature and
current overload conditions. In addition, the TSB582 has enhanced ESD and RF
noise immunity.
It typically outputs up to 200 mA per channel to drive low resistance inductive loads
such as angle resolvers, lineout cables and piezo actuators.
The two high current output amplifiers of the TSB582 feature the advantage of driving
loads directly in bridge tied mode or, connected in parallel, allow to double the output
sink/source current. Additionally, the TSB582 is available in the two space-saving
packages, SO8 with exposed pad and DFN8 with wettable flanks and exposed pad.
Where both of them are qualified for automotive applications over a temperature
range of -40 °C to +125 °C.




Similar Part No. - TSB582

ManufacturerPart #DatasheetDescription
logo
StarHope
TSB58U SPSEMI-TSB58U Datasheet
184Kb / 5P
TSB(480W) Series
More results


Similar Description - TSB582

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6182 NSC-LM6182 Datasheet
1Mb / 24P
Dual 100 mA Output, 100 MHz Current Feedback Amplifier
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
Analog Devices
AD8010 AD-AD8010 Datasheet
164Kb / 12P
200 mA Output Current High Speed Amplifier
REV.A
logo
Texas Instruments
TLV4120 TI-TLV4120 Datasheet
350Kb / 20P
HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
TL3414A TI-TL3414A Datasheet
103Kb / 6P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8010_2000 AD-AD8010_2000 Datasheet
188Kb / 12P
200 mA Output Current High-Speed Amplifier
REV. B
logo
Texas Instruments
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8010 AD-AD8010_15 Datasheet
189Kb / 12P
200 mA Output Current High-Speed Amplifier
REV. B
logo
Texas Instruments
TLV4120 TI1-TLV4120_14 Datasheet
1Mb / 26P
HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com