Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB582 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSB582
Description  200 mA output current with thermal shutdown and output current limiter, 3.1 MHz,36 V, BiCMOS dual operational amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB582 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSB582 Datasheet HTML 2Page - STMicroelectronics TSB582 Datasheet HTML 3Page - STMicroelectronics TSB582 Datasheet HTML 4Page - STMicroelectronics TSB582 Datasheet HTML 5Page - STMicroelectronics TSB582 Datasheet HTML 6Page - STMicroelectronics TSB582 Datasheet HTML 7Page - STMicroelectronics TSB582 Datasheet HTML 8Page - STMicroelectronics TSB582 Datasheet HTML 9Page - STMicroelectronics TSB582 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Table 5. Electrical characteristics for VCC+ = 12 V, VCC- = 0 V, Vicm = Vout = Vcc/2, and Tamb = 25 °C (unless otherwise
specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
-2.4
2.4
mV
Tmin < T < Tmax
-3
3
Vicm = Vcc-
-2.4
2.4
ΔVio/ΔT Input offset voltage drift
Tmin < T < Tmax
-8
-2
4
μV/°C
Iib
Input bias current
2
nA
Tmin < T < Tmax
5
Iio
Input offset current
2
Tmin < T < Tmax
5
CMR
Common mode rejection ratio
20 log (ΔVicm/ΔVio)
VCC- ≤ VICM ≤ VCC+ - 1.5 V, Vout = VCC/2
75
100
dB
Tmin < T < Tmax
70
SVR
Supply voltage rejection ratio
20 log (ΔVicm/ΔVio)
4 V < Vcc+ - Vcc- < 36 V, -40 °C < T < +125 °C
116
130
AVD
Open loop gain
RL = 10 kΩ, Vout = 0.3 to 11.7 V
110
125
Tmin < T < Tmax
101
RL = 600 Ω, Vout = 1 to 11 V
110
125
Tmin < T < Tmax
101
VOH
High level output voltage.
Voltage drop from Vcc+
Isource = 150 mA
1.2
1.8
V
Tmin < T < Tmax
2
VOL
Low level output voltage
Isink = 150 mA
1.2
1.8
Tmin < T < Tmax
2.2
ICC
Supply current (per channel)
No load, Vout = VCC/2
2.3
3
mA
Tmin < T < Tmax
3.4
IOUT (1)
Isink
Vout = Vcc
160
Tmin < T < Tmax
150
Isource
Vout = 0 V
160
Tmin < T < Tmax
150
AC performance
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 100 pF
3
MHz
ϕm
Phase margin
RL = 10 kΩ, CL = 100 pF
60
degrees
Gm
Gain margin
RL = 10 kΩ, CL = 100 pF
17
dB
SR
Negative slew rate
Comparator mode, 10% to 90%
RL = 10 kΩ, CL = 100 pF
1.9
V/μs
Positive slew rate
Comparator mode, 10% to 90%
RL = 10 kΩ, CL = 100 pF
1.9
en
Equivalent input noise voltage
f = 1 kHz
45
nV/√Hz
f = 0.1 Hz to 10 Hz
300
μVpp
THD+N
Total harmonic distortion + noise
f = 1 kHz, Vin = 2 Vpp, RL = 10 kΩ,
CL = 100 pF
0.005
%
TSB582
Electrical characteristics
DS13378 - Rev 2
page 6/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com