Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB582 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TSB582
Description  200 mA output current with thermal shutdown and output current limiter, 3.1 MHz,36 V, BiCMOS dual operational amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB582 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TSB582 Datasheet HTML 23Page - STMicroelectronics TSB582 Datasheet HTML 24Page - STMicroelectronics TSB582 Datasheet HTML 25Page - STMicroelectronics TSB582 Datasheet HTML 26Page - STMicroelectronics TSB582 Datasheet HTML 27Page - STMicroelectronics TSB582 Datasheet HTML 28Page - STMicroelectronics TSB582 Datasheet HTML 29Page - STMicroelectronics TSB582 Datasheet HTML 30Page - STMicroelectronics TSB582 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
7.2
DFN8 3x3 exposed pad, wettable flank package information
Figure 37. DFN8 3x3 exposed pad, wettable flank package outline and mechanical data
BOTTOM VIEW
SIDE VIEW
TOP VIEW
DETAIL A
Table 8. DFN8 3x3 exposed pad, wettable flank mechanical data
Symbol
mm
Min.
Typ.
Max.
A
0.70
0.75
0.80
A1
0.0
0.05
A3
0.20 Ref.
b
0.25
0.30
0.35
D
2.95
3.00
3.05
D2
2.25
2.35
2.45
e
0.65 BSC
E
2.95
3.00
3.05
E2
1.45
1.55
1.65
L
0.35
0.45
0.55
K
0.275 Ref.
N
8
TSB582
DFN8 3x3 exposed pad, wettable flank package information
DS13378 - Rev 2
page 27/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com