Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB582 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TSB582
Description  200 mA output current with thermal shutdown and output current limiter, 3.1 MHz,36 V, BiCMOS dual operational amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB582 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TSB582 Datasheet HTML 13Page - STMicroelectronics TSB582 Datasheet HTML 14Page - STMicroelectronics TSB582 Datasheet HTML 15Page - STMicroelectronics TSB582 Datasheet HTML 16Page - STMicroelectronics TSB582 Datasheet HTML 17Page - STMicroelectronics TSB582 Datasheet HTML 18Page - STMicroelectronics TSB582 Datasheet HTML 19Page - STMicroelectronics TSB582 Datasheet HTML 20Page - STMicroelectronics TSB582 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
5
Application information
5.1
Operating voltages
The TSB582 can operate from 4 to 36 V. The parameters are fully specified at 5 V, 12 V and 36 V power supplies.
However, the parameters are very stable over the full VCC range and several characterization curves show the
TSB582 device characteristics over the full operating range. Additionally, the main specifications are guaranteed
in extended temperature range from -40 to 125 °C.
5.2
ESD and input protection
Figure 27 illustrates an equivalent circuit of the TSB582’s protection against ESD events and high differential input
voltages. The TSB582 is designed for input common mode voltages ranging from the low rail up to Vcc – 1.5 V
with input currents Iin that must not exceed 27 mA. Input resistors in combination with a voltage limitation prevent
excessive differential voltages from damaging the differential input stage of the operational amplifier. However,
note that differential input voltages of more than Vid = 1.3 V (typical) cause a non-negligible current flow through
the input protection stage that might be considered when calculating the thermal budget of the amplifier. A high
input current in comparator mode might also impact the input signal at application level. In case the differential
input voltage of the application should exceed the absolute maximum rating of Vid = ± 42 V, it is recommended to
add external resistors to the design to keep the maximum current below Iin = 27 mA.
Figure 27. Equivalent internal ESD and input protection circuit
+
Vin+
R
Clamp
Vin-
Vout
Vid
Iin+
Iin-
750 Ω
R
750 Ω
5.3
EMI rejection
The electromagnetic interference (EMI) rejection ratio, or EMIRR, describes the EMI immunity of operational
amplifiers. An adverse effect that is common to many op amps is a change in the offset voltage as a result of RF
signal rectification. EMIRR is defined as follows:
EMIRR=20.log VinppΔVio
(1)
The TSB582 has been specially designed to minimize susceptibility to EMIRR and shows a low sensitivity. As
visible in the figure below, the EMI rejection ratio has been measured on both inputs and outputs, from 10 MHz to
2.4 GHz.
TSB582
Application information
DS13378 - Rev 2
page 17/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com