Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB582 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TSB582
Description  200 mA output current with thermal shutdown and output current limiter, 3.1 MHz,36 V, BiCMOS dual operational amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB582 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TSB582 Datasheet HTML 19Page - STMicroelectronics TSB582 Datasheet HTML 20Page - STMicroelectronics TSB582 Datasheet HTML 21Page - STMicroelectronics TSB582 Datasheet HTML 22Page - STMicroelectronics TSB582 Datasheet HTML 23Page - STMicroelectronics TSB582 Datasheet HTML 24Page - STMicroelectronics TSB582 Datasheet HTML 25Page - STMicroelectronics TSB582 Datasheet HTML 26Page - STMicroelectronics TSB582 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
6.3
Increasing output current
To increase the output currents up to 400 mA, the two operational amplifiers can be tied in parallel, as shown
in Figure 34. The output resistors Rs prevent differential current flow between the output stages of the two
operational amplifiers due to deviations in Vio. Care must be taken when selecting RS, since they introduce a
non-negligible voltage drop to the design at high currents.
Figure 34. Increasing output current
-
R
-
TSB582
TSB582
V
1/2
2/2
2
R1
RS (1)
RS (1)
3.3 Ω
3.3 Ω
out
Vin
TSB582
Increasing output current
DS13378 - Rev 2
page 23/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com