Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB582 Datasheet(PDF) 29 Page - STMicroelectronics

Part # TSB582
Description  200 mA output current with thermal shutdown and output current limiter, 3.1 MHz,36 V, BiCMOS dual operational amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB582 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TSB582 Datasheet HTML 25Page - STMicroelectronics TSB582 Datasheet HTML 26Page - STMicroelectronics TSB582 Datasheet HTML 27Page - STMicroelectronics TSB582 Datasheet HTML 28Page - STMicroelectronics TSB582 Datasheet HTML 29Page - STMicroelectronics TSB582 Datasheet HTML 30Page - STMicroelectronics TSB582 Datasheet HTML 31Page - STMicroelectronics TSB582 Datasheet HTML 32Page - STMicroelectronics TSB582 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
8
Ordering information
Table 9. Order codes
Order code
Temperature
range
Package
Packing
Marking
TSB582IDT
-40 °C to +125 °C
SO8 exposed pad
Tape and reel
K2H
TSB582IYDT (1)
K2I
TSB582IQ2T
DFN8 exposed pad
K2H
TSB582IYQ2T (1)
K2I
1. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 &
Q002 or equivalent.
TSB582
Ordering information
DS13378 - Rev 2
page 29/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com