Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB582 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TSB582
Description  200 mA output current with thermal shutdown and output current limiter, 3.1 MHz,36 V, BiCMOS dual operational amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB582 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TSB582 Datasheet HTML 18Page - STMicroelectronics TSB582 Datasheet HTML 19Page - STMicroelectronics TSB582 Datasheet HTML 20Page - STMicroelectronics TSB582 Datasheet HTML 21Page - STMicroelectronics TSB582 Datasheet HTML 22Page - STMicroelectronics TSB582 Datasheet HTML 23Page - STMicroelectronics TSB582 Datasheet HTML 24Page - STMicroelectronics TSB582 Datasheet HTML 25Page - STMicroelectronics TSB582 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
6
Typical applications
6.1
Rotary resolver
In closed-loop motor control systems, a preferred way to read out the shaft’s angular position is the rotary
resolver. It essentially exists of one primary reference winding plus two secondary windings, the sin- and cos-
winding in the stator. Since the primary winding is typically powered through a rotary transformer, no brushes
or rings are needed. This increases the overall reliability and robustness of the resolver and makes it perfectly
suitable for harsh environments with varying temperature and in oily, dusty, or humid surroundings.
Closed-loop motor control systems help to navigate factory robots and to maneuver vehicles in autonomous
parking mode. The TSB582 manages the power amplification to pilot the primary winding of a resolver device as
can be seen in Figure 33.
6.2
Design requirements
The shown schematic essentially takes a low voltage sinusoidal input signal with 3.3 V peak-to-peak at 1 kHz to
20 kHz and transforms it into a differential output of 24 V peak-to-peak with high current capability to drive the
primary winding of a resolver in bridged mode.
Figure 33. Rotary resolver excitation amplifier
-
TSB582
TSB582
-
STM32
Rin1
Rfeed1
Rin2
Rfeed2
Cfeed1
Cin1
TSB582
3V3_MCU
24 V
24 V
Vcc/2
Vcc/2
Vcc/2
20 kHz
12 Vpp
typ. impedance
sin
12 Vpp
2/2
1/2
power
3.3 Vpp
DAC
100 n
22 p
10 kΩ
10 kΩ
10 kΩ
36 kΩ
100 ... 500 Ω
The gain resistance should be adapted to the desired input / output voltage levels:
AV=VoutVin= 12 Vpp3.3 Vpp=3.63−
(7)
Rfeed1=AV⋅ Rin1= 3.63−⋅10 kΩ=36.36− kΩ ≈ 36 kΩ 
(8)
AVfinal=3.6, error= 1.01 %
(9)
TSB582
Typical applications
DS13378 - Rev 2
page 22/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com