Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB582 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSB582
Description  200 mA output current with thermal shutdown and output current limiter, 3.1 MHz,36 V, BiCMOS dual operational amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB582 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSB582 Datasheet HTML 5Page - STMicroelectronics TSB582 Datasheet HTML 6Page - STMicroelectronics TSB582 Datasheet HTML 7Page - STMicroelectronics TSB582 Datasheet HTML 8Page - STMicroelectronics TSB582 Datasheet HTML 9Page - STMicroelectronics TSB582 Datasheet HTML 10Page - STMicroelectronics TSB582 Datasheet HTML 11Page - STMicroelectronics TSB582 Datasheet HTML 12Page - STMicroelectronics TSB582 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Overload recovery time
100 mV from rail in comparator mode
Vid = ± 1 V
10
µs
Shutdown
Junction temperature
Shutdown
168
180
°C
Reset from shutdown
130
146
1. While respecting the maximum junction temperature.
TSB582
Electrical characteristics
DS13378 - Rev 2
page 9/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com