Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX27901ID Datasheet (PDF) - Microsemi Corporation

LX27901ID Datasheet PDF - Microsemi Corporation
Part # LX27901ID
Download  LX27901ID Download
File Size   803.91 Kbytes
Page   19 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description High Performance LED Controller

LX27901ID Datasheet (PDF)

Go To PDF Page Download Datasheet
LX27901ID Datasheet PDF - Microsemi Corporation

Part # LX27901ID
Download  LX27901ID Click to download

File Size   803.91 Kbytes
Page   19 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description High Performance LED Controller

LX27901ID Datasheet (HTML) - Microsemi Corporation


LX27901ID Product details

KEY FEATURES
 Three Selectable Drive Modes to
Support Wide Range of Topologies
 Optimized Solution for Off PFC LED
Drive Applications
 0.8A Source & Sink Drive Capacity
 On Chip 5.25V Regulator
 Direct Connection to Input Voltage
up to 27V
 ACU_BRITE Algorithm to Provide
Accurate Brightness Control at
Highest Operating Efficiency Over
Wide Dimming Duty Range
 User Selectable Dimming Mode
Control
 Synchronous Regulation Function
to Minimize Power Conversion
Stage
 Accurate LED Current Matching In
Combination With Microsemi’s Nondissipative
Balancing Technology
 Robust Operation at Open and
Short LED Conditions
 Compensated External and Internal
PWM Dimming Operation
 Dedicated Fault Indication
 LED Current and Voltage
Monitoring
 RoHS Compliant & Halogen Free

APPLICATIONS
 LCD LED Backlight TV
 LCD LED Backlight Monitors
 Other LED Backlight Systems




Similar Part No. - LX27901ID

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2750 MICROSEMI-LX2750 Datasheet
394Kb / 11P
SINGLE INPUT SUPPLY PWM CONTROLLER WITH LDO CONTROLLER
logo
Banner Engineering Corp...
LX27E BANNER-LX27E Datasheet
337Kb / 6P
LX Series Part-Sensing Light Curtain
09-Jul-25 Rev. I
LX27R BANNER-LX27R Datasheet
337Kb / 6P
LX Series Part-Sensing Light Curtain
09-Jul-25 Rev. I
More results


Similar Description - LX27901ID

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM53C94 AMD-AM53C94 Datasheet
439Kb / 63P
High Performance SCSI Controller
logo
Microsemi Corporation
LX6512 MICROSEMI-LX6512 Datasheet
101Kb / 2P
High Performance CCFL controller
LX6503A MICROSEMI-LX6503A Datasheet
363Kb / 2P
High Performance CCFL Controller
logo
STMicroelectronics
HVLED002 STMICROELECTRONICS-HVLED002 Datasheet
481Kb / 19P
High performance current mode LED controller
15-Dec-2015
logo
E-CMOS Corporation
EC3228 E-CMOS-EC3228 Datasheet
846Kb / 16P
High-Performance PWM Controller
logo
Diodes Incorporated
AL3353 DIODES-AL3353 Datasheet
302Kb / 15P
HIGH PERFORMANCE BOOST LED CONTROLLER
Rev 2
AL1665 DIODES-AL1665 Datasheet
837Kb / 17P
HIGH PERFORMANCE DIMMABLE LED CONTROLLER
March 2020
AL1666 DIODES-AL1666 Datasheet
827Kb / 16P
HIGH PERFORMANCE DIMMABLE LED CONTROLLER
December 2019
AL8853 DIODES-AL8853 Datasheet
605Kb / 15P
HIGH PERFORMANCE BOOST LED CONTROLLER
September 2019
AL1666A DIODES-AL1666A Datasheet
1Mb / 15P
HIGH PERFORMANCE DIMMABLE LED CONTROLLER
Rev. 2 - 2 August 2022
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com