Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79RC32333 Datasheet (PDF) - Renesas Technology Corp

79RC32333 Datasheet PDF - Renesas Technology Corp
Part # 79RC32333
Download  79RC32333 Download
File Size   616.24 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description IDTTM InterpriseTM Integrated Communications Processor 3.3V and 2.5V Devices

79RC32333 Datasheet (PDF)

Go To PDF Page Download Datasheet
79RC32333 Datasheet PDF - Renesas Technology Corp

Part # 79RC32333
Download  79RC32333 Click to download

File Size   616.24 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description IDTTM InterpriseTM Integrated Communications Processor 3.3V and 2.5V Devices

79RC32333 Datasheet (HTML) - Renesas Technology Corp


79RC32333 Product details

Device Overview
The RC32333 device is a member of the IDT™ Interprise™ family of
integrated communications processors. This product incorporates a
high-performance, low-cost 32-bit CPU core with functionality common
to a large number of embedded applications. The RC32333 integrates
these functions to enable the use of low-cost PC commodity market
memory and I/O devices, allowing the aggressive price/performance
characteristics of the CPU to be realized quickly into low-cost systems.
The RC32333 device is available with either a 3.3V or 2.5V operating
voltage. Differences between the two versions are noted where applicable.
Features
◆ RC32300 32-bit Microprocessor
– Up to 150 MHz operation
– Enhanced MIPS-II Instruction Set Architecture (ISA)
– Cache prefetch instruction
– Conditional move instruction
– DSP instructions
– Supports big or little endian operation
– MMU with 32 page TLB
– 8KB Instruction Cache, 2-way set associative
– 2KB Data Cache, 2-way set associative
– Cache locking per line
– Programmable on a page basis to implement a write-through
no write allocate, write-through write allocate, or write-back
algorithms for cache management
– Compatible with a wide variety of operating systems
◆ Local Bus Interface
– Up to 75 MHz operation
– 23-bit address bus
– 32-bit data bus
– Direct control of local memory and peripherals
– Programmable system watch-dog timers
– Big or little endian support
◆ Interrupt Controller simplifies exception management
◆ Four general purpose 32-bit timer/counters
◆ Programmable I/O (PIO)
– Input/Output/Interrupt source
– Individually programmable
◆ SDRAM Controller (32-bit memory only)
– 4 banks, non-interleaved
– Up to 512MB total SDRAM memory supported
– Implements full, direct control of discrete, SODIMM, or DIMM
memories
– Supports 16Mb through 512Mb SDRAM device depths
– Automatic refresh generation




Similar Part No. - 79RC32333

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
79RC32332 RENESAS-79RC32332 Datasheet
820Kb / 31P
IDTTM InterpriseTM Integrated Communications Processor 3.3V and 2.5V Devices
May 4, 2004
logo
Integrated Device Techn...
79RC32334 IDT-79RC32334 Datasheet
744Kb / 30P
IDT Interprise Integrated Communications Processor
logo
Renesas Technology Corp
79RC32334 RENESAS-79RC32334 Datasheet
939Kb / 31P
IDTTM InterpriseTM Integrated Communications Processor
August 31, 2004
logo
Integrated Device Techn...
79RC32334-100BB IDT-79RC32334-100BB Datasheet
744Kb / 30P
IDT Interprise Integrated Communications Processor
79RC32334-100BBG IDT-79RC32334-100BBG Datasheet
744Kb / 30P
IDT Interprise Integrated Communications Processor
More results


Similar Description - 79RC32333

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
RC32365 IDT-RC32365 Datasheet
626Kb / 44P
IDTTM InterpriseTM Integrated Communications Processor
79RC32435 IDT-79RC32435 Datasheet
877Kb / 53P
IDTTM InterpriseTM Integrated Communications Processor
79RC32T336-150BCG IDT-79RC32T336-150BCG Datasheet
632Kb / 44P
IDTTM InterpriseTM Integrated Communications Processor
logo
Renesas Technology Corp
79RC32332 RENESAS-79RC32332 Datasheet
820Kb / 31P
IDTTM InterpriseTM Integrated Communications Processor 3.3V and 2.5V Devices
May 4, 2004
79RC32351 RENESAS-79RC32351 Datasheet
1Mb / 43P
IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
79RC32435 RENESAS-79RC32435 Datasheet
1Mb / 54P
IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
79RC32438 RENESAS-79RC32438 Datasheet
1Mb / 60P
IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
79RC32334 RENESAS-79RC32334 Datasheet
939Kb / 31P
IDTTM InterpriseTM Integrated Communications Processor
August 31, 2004
RC32336 RENESAS-RC32336 Datasheet
783Kb / 45P
IDTTM InterpriseTM Integrated Communications Processor
October 4, 2005
RC32365 RENESAS-RC32365 Datasheet
833Kb / 45P
IDTTM InterpriseTM Integrated Communications Processor
October 5, 2005
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com