Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUW81300 Datasheet (PDF) - STMicroelectronics

STUW81300 Datasheet PDF - STMicroelectronics
Part # STUW81300
Download  STUW81300 Download
File Size   1910.44 Kbytes
Page   63 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs

STUW81300 Datasheet (PDF)

Go To PDF Page Download Datasheet
STUW81300 Datasheet PDF - STMicroelectronics

Part # STUW81300
Download  STUW81300 Click to download

File Size   1910.44 Kbytes
Page   63 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs

STUW81300 Datasheet (HTML) - STMicroelectronics


STUW81300 Product details

Features
• Output frequency range: 1.925 GHz to 16 GHz
– RF out 1 (VCO, VCO÷2): 1.925-8.0 GHz
– RF out 2 (VCO x 2): 7.7-16.0 GHz
• Very low noise
– Normalized phase noise floor: -227 dBc/Hz
– VCO phase noise (6.0 GHz): -131 dBc/Hz
@ 1 MHz offset
– Noise floor (6.0 GHz): -158 dBc/Hz
– Phase noise (12 GHz): -125 dBc/Hz
@ 1 MHz offset
– Noise floor (12 GHz): -154 dBc/Hz
• Integrated VCOs with fast automatic center
frequency calibration
• External VCO option with 5 V charge pump
• Fundamental VCO rejection at doubler output
higher than 20 dB
• Internally broadband matched RF outputs
delivering +6 dBm @6 GHz and +4 dBm
@12 GHz single-ended
• Integrated low noise LDOs
• Maximum phase detector frequency: 100 MHz
• Exact frequency mode
• Differential reference clock input (LVDS and
LVECPL compliant) supporting up to 800 MHz
• Integrated reference crystal oscillator core
• R/W SPI interface
• Logic compatibility/tolerance 1.8 V/3.3 V
• Supply voltage: 3.0 V to 5.4 V
• Small size exposed pad VFQFPN36 package
6x6x1.0 mm
• Process: BICMOS 0.25 μm SiGe

Applications
• Infrastructure equipment
• Satellite communications for terrestrial
applications
• Other wireless communication systems

Description
The STuW81300 includes a dual architecture
frequency synthesizer (Fractional-N and Integer-
N), four low phase noise VCOs with a fast
automatic center frequency calibration providing a
very wide frequency range, from 1.925 GHz to
16 GHz, with a single device.
The STuW81300 optimizes size and cost of the
final application by the integration of low noise
LDO voltage regulators and internally matched
broadband RF outputs.
Additional features include a crystal oscillator
core, external VCO mode, output mute function
and low power mode to trade current
consumption with phase noise performance
and/or output level.




Similar Part No. - STUW81300

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
STU MITSUMI-STU Datasheet
143Kb / 2P
Waterproof Small Type Tactile Switch
logo
Apex Electronics Co., L...
STU APEX-ELECTRONICS-STU Datasheet
498Kb / 4P
Ultraminiature toggle switches, IP67
logo
Mitsumi Electronics, Co...
STU-053A16AX MITSUMI-STU-053A16AX Datasheet
143Kb / 2P
Waterproof Small Type Tactile Switch
STU-057A23AX MITSUMI-STU-057A23AX Datasheet
143Kb / 2P
Waterproof Small Type Tactile Switch
logo
SHENZHEN DOINGTER SEMIC...
STU03L07 DOINGTER-STU03L07 Datasheet
2Mb / 6P
N-Channel MOSFET uses advanced trench technology
More results


Similar Description - STUW81300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2200 SILABS-SI2200 Datasheet
824Kb / 30P
RF SYNTHESIZER WITH INTEGRATED VCOS INTEGRATED VCOS
logo
Analog Devices
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. B
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADRF6720-27 AD-ADRF6720-27 Datasheet
3Mb / 44P
Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
REV. B
logo
Integrated Device Techn...
8V97053L IDT-8V97053L Datasheet
1Mb / 68P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97051 IDT-8V97051_17 Datasheet
987Kb / 55P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97051L IDT-8V97051L Datasheet
1,010Kb / 57P
Low Power Wideband Fractional RF Synthesizer / PLL
logo
STMicroelectronics
STW81200 STMICROELECTRONICS-STW81200 Datasheet
3Mb / 58P
Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
04-Jan-2016
logo
Renesas Technology Corp
8V97051L RENESAS-8V97051L Datasheet
1Mb / 57P
Low Power Wideband Fractional RF Synthesizer / PLL
logo
Analog Devices
ADRF6720 AD-ADRF6720 Datasheet
3Mb / 44P
Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
4/14-Revision 0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com