Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUW81300 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STUW81300
Description  Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUW81300 Datasheet(HTML) 1 Page - STMicroelectronics

  STUW81300 Datasheet HTML 1Page - STMicroelectronics STUW81300 Datasheet HTML 2Page - STMicroelectronics STUW81300 Datasheet HTML 3Page - STMicroelectronics STUW81300 Datasheet HTML 4Page - STMicroelectronics STUW81300 Datasheet HTML 5Page - STMicroelectronics STUW81300 Datasheet HTML 6Page - STMicroelectronics STUW81300 Datasheet HTML 7Page - STMicroelectronics STUW81300 Datasheet HTML 8Page - STMicroelectronics STUW81300 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
This is information on a product in full production.
March 2022
DS11314 Rev 7
1/63
STuW81300
Wideband RF/microwave PLL fractional/integer frequency
synthesizer with integrated VCOs and LDOs
Datasheet
- production data
Features
• Output frequency range: 1.925 GHz to 16 GHz
– RF out 1 (VCO, VCO÷2): 1.925-8.0 GHz
– RF out 2 (VCO x 2): 7.7-16.0 GHz
• Very low noise
– Normalized phase noise floor: -227 dBc/Hz
– VCO phase noise (6.0 GHz): -131 dBc/Hz
@ 1 MHz offset
– Noise floor (6.0 GHz): -158 dBc/Hz
– Phase noise (12 GHz): -125 dBc/Hz
@ 1 MHz offset
– Noise floor (12 GHz): -154 dBc/Hz
• Integrated VCOs with fast automatic center
frequency calibration
• External VCO option with 5 V charge pump
• Fundamental VCO rejection at doubler output
higher than 20 dB
• Internally broadband matched RF outputs
delivering +6 dBm @6 GHz and +4 dBm
@12 GHz single-ended
• Integrated low noise LDOs
• Maximum phase detector frequency: 100 MHz
• Exact frequency mode
• Differential reference clock input (LVDS and
LVECPL compliant) supporting up to 800 MHz
• Integrated reference crystal oscillator core
• R/W SPI interface
• Logic compatibility/tolerance 1.8 V/3.3 V
• Supply voltage: 3.0 V to 5.4 V
• Small size exposed pad VFQFPN36 package
6x6x1.0 mm
• Process: BICMOS 0.25 µm SiGe
Applications
• Infrastructure equipment
• Satellite communications for terrestrial
applications
• Other wireless communication systems
Description
The STuW81300 includes a dual architecture
frequency synthesizer (Fractional-N and Integer-
N), four low phase noise VCOs with a fast
automatic center frequency calibration providing a
very wide frequency range, from 1.925 GHz to
16 GHz, with a single device.
The STuW81300 optimizes size and cost of the
final application by the integration of low noise
LDO voltage regulators and internally matched
broadband RF outputs.
Additional features include a crystal oscillator
core, external VCO mode, output mute function
and low power mode to trade current
consumption with phase noise performance
and/or output level.
VFQFPN36
Table 1. Device summary
Order Code
Package
Packing
STUW81300T
VFQFPN36
Tray
STUW81300TR
VFQFPN36
Tape and reel
www.st.com


Similar Part No. - STUW81300

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
STU MITSUMI-STU Datasheet
143Kb / 2P
Waterproof Small Type Tactile Switch
logo
Apex Electronics Co., L...
STU APEX-ELECTRONICS-STU Datasheet
498Kb / 4P
Ultraminiature toggle switches, IP67
logo
Mitsumi Electronics, Co...
STU-053A16AX MITSUMI-STU-053A16AX Datasheet
143Kb / 2P
Waterproof Small Type Tactile Switch
STU-057A23AX MITSUMI-STU-057A23AX Datasheet
143Kb / 2P
Waterproof Small Type Tactile Switch
logo
SHENZHEN DOINGTER SEMIC...
STU03L07 DOINGTER-STU03L07 Datasheet
2Mb / 6P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - STUW81300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2200 SILABS-SI2200 Datasheet
824Kb / 30P
RF SYNTHESIZER WITH INTEGRATED VCOS INTEGRATED VCOS
logo
Analog Devices
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. B
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADRF6720-27 AD-ADRF6720-27 Datasheet
3Mb / 44P
Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
REV. B
logo
Integrated Device Techn...
8V97053L IDT-8V97053L Datasheet
1Mb / 68P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97051 IDT-8V97051_17 Datasheet
987Kb / 55P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97051L IDT-8V97051L Datasheet
1,010Kb / 57P
Low Power Wideband Fractional RF Synthesizer / PLL
logo
STMicroelectronics
STW81200 STMICROELECTRONICS-STW81200 Datasheet
3Mb / 58P
Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
04-Jan-2016
logo
Renesas Technology Corp
8V97051L RENESAS-8V97051L Datasheet
1Mb / 57P
Low Power Wideband Fractional RF Synthesizer / PLL
logo
Analog Devices
ADRF6720 AD-ADRF6720 Datasheet
3Mb / 44P
Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
4/14-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com