Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUW81300 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STUW81300
Description  Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUW81300 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STUW81300 Datasheet HTML 6Page - STMicroelectronics STUW81300 Datasheet HTML 7Page - STMicroelectronics STUW81300 Datasheet HTML 8Page - STMicroelectronics STUW81300 Datasheet HTML 9Page - STMicroelectronics STUW81300 Datasheet HTML 10Page - STMicroelectronics STUW81300 Datasheet HTML 11Page - STMicroelectronics STUW81300 Datasheet HTML 12Page - STMicroelectronics STUW81300 Datasheet HTML 13Page - STMicroelectronics STUW81300 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
Absolute maximum ratings
STuW81300
10/63
DS11314 Rev 7
3
Absolute maximum ratings
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (LDO input pins #9, 18, 28, 36)
-0.3 to 5.4
V
Tstg
Storage temperature
+150
°C
ESD
Electrical static discharge
–HBM(1)
– CDM-JEDEC standard
2
0.5
kV
1. The maximum rating of the ESD protection circuitry on pin 21 (REF_CLKP) is 1.5 kV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com