Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUW81300 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STUW81300
Description  Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUW81300 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STUW81300 Datasheet HTML 25Page - STMicroelectronics STUW81300 Datasheet HTML 26Page - STMicroelectronics STUW81300 Datasheet HTML 27Page - STMicroelectronics STUW81300 Datasheet HTML 28Page - STMicroelectronics STUW81300 Datasheet HTML 29Page - STMicroelectronics STUW81300 Datasheet HTML 30Page - STMicroelectronics STUW81300 Datasheet HTML 31Page - STMicroelectronics STUW81300 Datasheet HTML 32Page - STMicroelectronics STUW81300 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
DS11314 Rev 7
29/63
STuW81300
Circuit description
58
7.9
Cycle slip reduction
The use of high FPFD/PLL_BW ratios may lead to an increased settling time due to cycle
slips.
A cycle slip compensation circuit is provided which automatically increases the charge
pump current for high-frequency errors and restores the programmed value at the end of the
locking phase.
7.10
Voltage controlled oscillators (VCOs)
The STuW81300 employs four low-noise VCOs with monolithic LC tanks to cover a
frequency range from 3850 MHz to 8000 MHz. Combined with an on-chip frequency doubler
and divide-by-two stage, the VCOs allow synthesis of any frequency across the 1.925 GHz
to 16 GHz range.
Each VCO is implemented using a structure with multiple sub-bands to maintain a low VCO
sensitivity (KVCO), resulting in low phase noise and low spurs performance.
The correct VCO and sub-band selection is automatically performed by dedicated digital
circuitry (clocked by the PFD) every time a new frequency is programmed. The VCO auto-
calibration procedure is activated once the ST0 Register is updated.
During the selection procedure the VCTRL of the VCO is charged to a fixed reference
voltage. A stable reference clock signal to the device must present before the VCO
calibration begins. The procedure for the VCO and sub-band selection takes approximately
13 CALBCLK cycles.
The calibrator clock frequency is linked to PFD frequency (CALBCLK = FPFD/CALDIV) and
should be adjusted in order to achieve correct operations. The maximum allowed frequency
is 250 kHz, therefore the calibrator divider ratio (CALDIV, ST6 Register) must be set
accordingly.
When the PLL is configured in Integer mode only (NINT ≥ 512, see Section 7.3: PLL N
divider ) the calibrator divider should be by-passed (CALDIV = 1). In such a case, if the
setup of the application requires a PFD frequency higher than 250 kHz the calibration
procedure must be executed in two steps as follows:
1.
VCO calibration. Configure all the device registers (see Section 7.18: Example
register programming) making sure to program the desired VCO frequency with proper
settings of the values N (ST0 Register) and R (ST3 Register) so that FPFD is ≤ 250 kHz.
2.
Final operating setup. Adjust the values N and R properly in order to program the
device with the desired setup configuration (VCO and PFD frequency) setting also the
VCO_CALB_DISABLE bit set to ‘1’ (ST0 Register).
The above limitation of CALBCLK ≤ 250 kHz is valid for those applications which require the
PLL to stay in lock to the same frequency for a long time (experiencing a significant
temperature drift) without any user action. In such a case the calibration procedure must
select the optimal pair VCO/WORD able to guarantee the PLL lock condition over a
temperature drift defined by the
ΔTLOCK parameter (see Section 8.3: Robust VCO
calibration over full temperature range).
If the application requires a continuous hopping among different frequencies the maximum
allowed CALBCLK is increased up to 1 MHz (valid for both fractional and Integer-only
modes). In this case the VCO calibration procedure, required for each VCO frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com