Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUW81300 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STUW81300
Description  Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUW81300 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STUW81300 Datasheet HTML 26Page - STMicroelectronics STUW81300 Datasheet HTML 27Page - STMicroelectronics STUW81300 Datasheet HTML 28Page - STMicroelectronics STUW81300 Datasheet HTML 29Page - STMicroelectronics STUW81300 Datasheet HTML 30Page - STMicroelectronics STUW81300 Datasheet HTML 31Page - STMicroelectronics STUW81300 Datasheet HTML 32Page - STMicroelectronics STUW81300 Datasheet HTML 33Page - STMicroelectronics STUW81300 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
Circuit description
STuW81300
30/63
DS11314 Rev 7
change, is performed in a very short time (~13 ms) minimizing the impact on the overall PLL
switching time.
Once the correct VCO and sub-band are selected the normal PLL operations are resumed.
The VCO core can be supplied (pin#3) from 3.3 V to 4.5 V; the LDO_4V5 (programmable to
4.5 V and 3.3 V) is used for this purpose. Furthermore, the amplitude of oscillation, which
trades current consumption with phase-noise performance is 3-bit programmable (ST4
Register, VCO_AMP bit). Section 7.16: STuW81300 register descriptions shows the allowed
ranges of the oscillation amplitude for each available supply setting. In order to achieve the
best phase-noise performance, the maximum allowed amplitude setting is recommended.
VCO calibration auto-restart feature
The VCO calibration auto-restart feature, once activated, allows the calibration procedure to
be restarted when an event that moves the PLL into an unlock condition has occurred
(trigger on ‘1’ to ‘0’ transition of the lock detector signal).
This feature can be enabled through the EN_AUTOCAL bit (ST6 Register) and requires
proper setting of the lock detector parameters (LD_PREC and LD_COUNT, ST4 Register),
in order to avoid any unwanted transition of the lock detector signal during the transient time
required by the PLL to lock the VCO at the desired frequency.
Note:
This feature is not available on product code STUW81300-1T, STUW81300-1TR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com