Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUW81300 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STUW81300
Description  Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUW81300 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STUW81300 Datasheet HTML 37Page - STMicroelectronics STUW81300 Datasheet HTML 38Page - STMicroelectronics STUW81300 Datasheet HTML 39Page - STMicroelectronics STUW81300 Datasheet HTML 40Page - STMicroelectronics STUW81300 Datasheet HTML 41Page - STMicroelectronics STUW81300 Datasheet HTML 42Page - STMicroelectronics STUW81300 Datasheet HTML 43Page - STMicroelectronics STUW81300 Datasheet HTML 44Page - STMicroelectronics STUW81300 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
DS11314 Rev 7
41/63
STuW81300
Circuit description
58
ST4 Register
Address:
STuW81300BaseAddress + 0x04
Type:
R/W
Description:
Lock det. control, Ref. Buffer, CP supply mode, VCO settings, Output power control
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RW
RW RW
RW
RW RW
RW
RW RW RW RW RW
RW
RW RW
RW
RW
[26:25] RESERVED: must be set to ‘0’
[24] CALB_3V3_MODE1: calibrator supply mode bit1
0: when VCC_VCO_Core = 4.5 V
1: when VCC_VCO_Core = 3.3 V
This feature is not available on product codes STUW81300-1T and STUW81300-1TR. This bit
must be set to ‘0’ on these.
[23] RF_OUT_3V3: RF output power control bit
0: when VCC_RFOUT = 4.5 V
1: when VCC_RFOUT = 3.3 V
[22:20] RESERVED: must be set to ‘0’
[19] EXT_VCO_EN: external VCO Buffer enable
0: external VCO buffer disabled; integrated VCOs are used
1: external VCO buffer enabled; external VCO required (internal VCOs are powered down)
[18] RESERVED: must be set to ‘0’
[17:15] VCO_AMP: set VCO signal amplitude at the internal oscillator circuit nodes; higher signal level
gives best phase noise performance while lower signal level gives low current consumption.
Different ranges of value are available, based upon the supply voltage provided to pin
VCC_VCO_core (pin #3).
Allowed settings:
000 to 010: (0-2) when VCO core is supplied at 3.3 V
000 to 111: (0-7) when VCO core is supplied at 4.5 V
[14] CALB_3V3_MODE0: calibrator supply mode bit0
0: when VCC_VCO_Core = 4.5 V
1: when VCC_VCO_Core = 3.3 V
This feature is not available on product codes STUW81300-1T and STUW81300-1TR. This bit
must be set to ‘0’ on these.
[13] RESERVED: must be set to ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com