Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUW81300 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STUW81300
Description  Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUW81300 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STUW81300 Datasheet HTML 49Page - STMicroelectronics STUW81300 Datasheet HTML 50Page - STMicroelectronics STUW81300 Datasheet HTML 51Page - STMicroelectronics STUW81300 Datasheet HTML 52Page - STMicroelectronics STUW81300 Datasheet HTML 53Page - STMicroelectronics STUW81300 Datasheet HTML 54Page - STMicroelectronics STUW81300 Datasheet HTML 55Page - STMicroelectronics STUW81300 Datasheet HTML 56Page - STMicroelectronics STUW81300 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
DS11314 Rev 7
53/63
STuW81300
Application information
58
8.2
Thermal PCB design considerations
The STuW81300 QFN package offers a low thermal resistance (
θJC ~3 °C/W on a JEDEC
Multi-Layer Board). Preferred thermal flow in QFN package is through the bottom central
pad.
The central thermal pad provides a solderable surface on the top of the PCB (for soldering
the package die paddle on the board). Thermal vias are needed to provide a thermal path to
the inner and bottom layers of the PCB in order to remove/dissipate the heat. The size of the
thermal pad can be matched with the exposed die paddle, or it may be smaller taking into
consideration clearance for vias to route the inner row signals.
A PCB can be designed to achieve a thermal impedance of 2 to 4 °C/W through a 1.6 mm
(.063”) thick FR-4 type PCB (a reliable, low cost solution).
For example the ST EVAL KIT uses a 0.8 mm thick PCB with a thermal impedance of
~50 °C/W for a single via filled with solder. 25 vias are used, giving a thermal impedance of
~2 °C/W with solder-filled vias (50 °C/W divided by 25 vias).
Using a plate on the underside of the PCB (a common solution in STuW81300 applications,
as the plate is typically the metal housing of the application assembly) brings the total
thermal resistance (junction to housing in the customer application) below 10 °C/W.
As the typical power dissipation of the STuW81300 is approximately 1.5 W, at maximum
specified ambient temperature (85 °C) a junction temperature of ~100 °C is attainable. This
is well below the maximum specified value (125 °C) to ensure safe operation of the
STuW81300 in worst-temperature conditions.
The ST EVAL KIT is not provided with additional heatsinking, and the thermal resistance
(
θJA) measured in the EVAL BOARD is ~30 °C/W.
8.3
Robust VCO calibration over full temperature range
Some applications require a fixed frequency whilethe lock condition, without any
phase/frequency jumps, even if temperature drift occurs over the whole operating
temperature range.
In such cases, the capability of the STuW81300 the specific VCO and sub-bands selected
by the VCO auto-calibration procedure - defined by the
ΔTLOCK parameter (see Table 6:
Electrical specifications).
I, a factory calibration at fixed/controlled temperature may be applied.
The concept is to run the standard VCO auto-calibration procedure (after writing the ST0
Register) in the factory at 25 °C. The resulting frequency, VCO and sub-bandinformation . In
the field, the STuW81300 is set up using a manual VCO calibration, recalling the VCO and
sub-band data previously stored in the application memory.
In this way, with a good thermal PCB design to limit the maximum junction temperature to
100 °C (see Section 8.2: Thermal PCB design considerations), the STuW81300 VCO is
calibrated virtually at 25 °C, regardless of the effective temperature during in-field setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com