Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUW81300 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STUW81300
Description  Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUW81300 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STUW81300 Datasheet HTML 4Page - STMicroelectronics STUW81300 Datasheet HTML 5Page - STMicroelectronics STUW81300 Datasheet HTML 6Page - STMicroelectronics STUW81300 Datasheet HTML 7Page - STMicroelectronics STUW81300 Datasheet HTML 8Page - STMicroelectronics STUW81300 Datasheet HTML 9Page - STMicroelectronics STUW81300 Datasheet HTML 10Page - STMicroelectronics STUW81300 Datasheet HTML 11Page - STMicroelectronics STUW81300 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
Pin definitions
STuW81300
8/63
DS11314 Rev 7
Table 2. Pin descriptions
Pin No
Name
Description
Observation
1
CBYP_4V5
Connection for 4.5 V regulator bypass capacitor -
2
VREG_4V5
Regulated output voltage of 4.5 V regulator
-
3
VCC_VCO_Core
Supply voltage of VCO Core
Must be connected to
VREG_4V5
4
HW_PD
HW Power Down
CMOS Schmitt Triggered Input,
1.8 V compatible, 3.3 V tolerant
5
PDRF1
RF1 output stage Power Down control
CMOS Schmitt Triggered Input,
1.8 V compatible, 3.3 V tolerant
6
PDRF2/FL_SW
RF2 output stage Power Down control / Fast-
Lock switch
CMOS Schmitt Triggered Input,
1.8 V compatible, 3.3 V tolerant.
Can be also used as switch for
fast-lock loop filter configuration
7
CBYP
Connection of VCO regulator bypass capacitor -
8VREG_VCO
Regulated output voltage of VCO circuitry
regulator
-
9
VIN_LDO_VCO
Supply voltage of VCO circuitry regulator
-
10
VR
Connection of reference voltage filtering
capacitor
-
11
VCTRL
VCO control voltage
-
12
EXTVCO_INP
External VCO positive input
Must be connected to ground if
external VCO is not used
13
EXTVCO_INN
External VCO negative input
Must be connected to ground if
external VCO is not used
14
VDD_CP
Digital charge-pump supply voltage
Must be connected to
VREG_VCO
15
ICP
PLL charge pump output
-
16
VCC_CPOUT
Supply voltage for charge pump output stage
Must be connected to
VREG_4V5
17
VDD_PFD
Supply voltage of digital phase/frequency
detector
Must be connected to
VREG_REF
18
VIN_LDO_REF
Supply voltage for reference clock regulator
-
19
VREG_REF
Regulated supply voltage of PLL
-
20
REF_CLKN
Reference clock negative input
-
21
REF_CLKP
Reference clock positive input
-
22
LD_SDO
Lock detector / SPI data output
CMOS push-pull Output 2.5 V
with slew rate control or open
drain (1.8 V to 3.3 V tolerant)
23
SDI
SPI data input
CMOS Schmitt triggered Input,
1.8 V compatible, 3.3 V tolerant
24
SCK
SPI clock
CMOS Schmitt triggered Input,
1.8 V compatible, 3.3 V tolerant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com