Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUW81300 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STUW81300
Description  Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUW81300 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STUW81300 Datasheet HTML 35Page - STMicroelectronics STUW81300 Datasheet HTML 36Page - STMicroelectronics STUW81300 Datasheet HTML 37Page - STMicroelectronics STUW81300 Datasheet HTML 38Page - STMicroelectronics STUW81300 Datasheet HTML 39Page - STMicroelectronics STUW81300 Datasheet HTML 40Page - STMicroelectronics STUW81300 Datasheet HTML 41Page - STMicroelectronics STUW81300 Datasheet HTML 42Page - STMicroelectronics STUW81300 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
DS11314 Rev 7
39/63
STuW81300
Circuit description
58
ST3 Register
Address:
STuW81300BaseAddress + 0x03
Type:
R/W
Applicability:
Double buffered (based upon DBR bit setting)
Description:
R divider, CP leakage, CP down-split pulse, Ref. Path selection, Device power down
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
76
54321
0
RW RW RW
RW
RW RW
RW
RW
RW
[26] DBR: Double buffering bit enable; at ‘1’ the register is buffered and transferred only once the master
register ST0 is written
[25] PD: device power down; at ‘1’ put OFF all blocks (except LDOs)
[24] CP_LEAK_x2: double Charge Pump leakage current bit
0: set standard leakage current (10 µA step)
1: set doubled leakage current (20 µA step)
[23:19] CP_LEAK: Set Charge Pump leakage current value (0 to 620
μA; step 10 μA or 20 μA base upon
CP_LEAK_x2 setting)
00000: (0) set ILEAK = 0 (default)
00001: (1) set ILEAK = 10 μA (ILEAK = 20 μA if CP_LEAK_x2 = 1)
00010: (2) set ILEAK = 20 μA (ILEAK = 40 μA if CP_LEAK_x2 = 1)
11110: (30) set ILEAK = 300 μA (ILEAK = 600 μA if CP_LEAK_x2 = 1)
11111: (31) set ILEAK = 310 μA (ILEAK = 620 μA if CP_LEAK_x2 = 1)
[18] CP_LEAK_DIR: set direction of the leakage current
0: set down-leakage (current sink)
1: set up-leakage (current source)
[17] DNSPLIT_EN: at ‘1’ enables down-split pulse current; current level set by PFD_DEL[1:0] in register ST0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com