Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUW81300 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STUW81300
Description  Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUW81300 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STUW81300 Datasheet HTML 42Page - STMicroelectronics STUW81300 Datasheet HTML 43Page - STMicroelectronics STUW81300 Datasheet HTML 44Page - STMicroelectronics STUW81300 Datasheet HTML 45Page - STMicroelectronics STUW81300 Datasheet HTML 46Page - STMicroelectronics STUW81300 Datasheet HTML 47Page - STMicroelectronics STUW81300 Datasheet HTML 48Page - STMicroelectronics STUW81300 Datasheet HTML 49Page - STMicroelectronics STUW81300 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
Circuit description
STuW81300
46/63
DS11314 Rev 7
ST7 Register
Address:
STuW81300BaseAddress + 0x07
Type:
R/W
Description:
Fast Lock control, LD_SDO settings
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RW RW RW RW
RW
RW RW RW
RW
RW
[26] RESERVED: must be set to ‘0’
[25] LD_SDO_tristate: at ‘1’ put LD_SDO out pin in tri-state mode
[24] LD_SDO_MODE: LD_SDO output interface mode selection
0: Open Drain mode (Level Range: 1.8 V to 3.6 V)
1: 2.5V CMOS output mode
[23] SPI_DATA_OUT_DISABLE: disable auto-switch of LD_SDO pin during SPI read mode
0: LD_SDO pin automatically switched to SPI data out line during SPI read mode
1: LD_SDO pin fixed to Lock detector indication (SPI read operation not possible)
[22:21] LD_SDO_SEL: LD_SDO multiplexer output selection bit
00: (0) Lock Detector (default)
01: (1) VCO Divider output (for test purposes only)
10: (2) Calibrator VCO Divider output (for test purposes only)
11: (3) Fast Lock clock output (for test purposes only)
[20] REGDIG_OCP_DIS: for test purposes only ; must be set to ‘0’ (at ‘1’ disable the over-current protection
of Digital LDO Voltage Regulator)
[19] CYCLE_SLIP_EN: at ‘1’ enables cycle-slip feature
[18] FSTLCK_EN: at ‘1’ enables fast lock mode using pin #6 (PD_RF2/FL_SW)
[17:13] CP_SEL_FL: set the Charge Pump current during fast lock time slot (range:0 to 31)
[12:0] FSTLCK_CNT: Fast-Lock counter value (allowed setting range: 2 to 8191); set duration of fast-lock time
slot as number of FPFD cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com