Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUW81300 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STUW81300
Description  Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUW81300 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STUW81300 Datasheet HTML 33Page - STMicroelectronics STUW81300 Datasheet HTML 34Page - STMicroelectronics STUW81300 Datasheet HTML 35Page - STMicroelectronics STUW81300 Datasheet HTML 36Page - STMicroelectronics STUW81300 Datasheet HTML 37Page - STMicroelectronics STUW81300 Datasheet HTML 38Page - STMicroelectronics STUW81300 Datasheet HTML 39Page - STMicroelectronics STUW81300 Datasheet HTML 40Page - STMicroelectronics STUW81300 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 63 page
background image
DS11314 Rev 7
37/63
STuW81300
Circuit description
58
ST1 Register
Address:
STuW81300BaseAddress + 0x01
Type:
R/W
Applicability:
Double buffered (based upon DBR bit setting)
Description:
FRAC value, RF1 output control
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7654
321
0
RW RW RW RW RW RW
RW
[26] DBR: double buffering bit enable
1: the register is buffered and transferred only once the master register ST0 is written
[25] RESERVED: must be set to ‘0’
[24] RF1_OUT_PD: RF1 output power down
0: RF1 output enabled
1: RF1 output disabled
[23] MAN_CALB_EN: enables manual VCO calibrator mode
0: automatic VCO calibration (VCO_SEL, VCO_WORD settings are ignored)
1: manual VCO calibration (VCO_SEL, VCO_WORD settings are used; VCO calibration procedure is
inhibited; VCO_SEL and VCO_WORD bit to be set in ST6 Register)
[22] PLL_ SEL: selection of the signal path to PLL
0: VCO direct to PLL
1: VCO divided by 2 to PLL (mandatory for VCO freq > 6 GHz; in such a case the overall N value is
doubled and NINT,FRAC and MOD must be updated accordingly at the half value)
[21] RF1_ SEL: RF1 output divider selection
0: VCO direct
1: VCO divided by 2
[20:0] FRAC: Fractional value bit; set the numerator value of the fractional part of the overall division ratio
(N=NINT+FRAC/MOD)
Range: 0 to 2097151 (must be < MOD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com