Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUW81300 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STUW81300
Description  Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUW81300 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STUW81300 Datasheet HTML 45Page - STMicroelectronics STUW81300 Datasheet HTML 46Page - STMicroelectronics STUW81300 Datasheet HTML 47Page - STMicroelectronics STUW81300 Datasheet HTML 48Page - STMicroelectronics STUW81300 Datasheet HTML 49Page - STMicroelectronics STUW81300 Datasheet HTML 50Page - STMicroelectronics STUW81300 Datasheet HTML 51Page - STMicroelectronics STUW81300 Datasheet HTML 52Page - STMicroelectronics STUW81300 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
DS11314 Rev 7
49/63
STuW81300
Circuit description
58
ST10 Register
Address:
STuW81300BaseAddress + 0x0A
Type:
R
Description:
VCO, Lock det. Status, LDO status
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
R
RRRR
RRR
RR
R
R
R
[26:18] RESERVED: fixed to ‘0’
[17] REG_DIG_STARTUP: DIGITAL regulator ramp-up indicator (‘1’ means correct start-up)
[16] REG_REF_STARTUP: REFERENCE CLOCK regulator ramp-up indicator (‘1’ means correct start-up)
[15] REG_RF_STARTUP: RF Output section regulator ramp-up indicator (‘1’ means correct start-up)
[14] REG_VCO_STARTUP: VCO bias-and-control regulator ramp-up indicator (‘1’ means correct start-up)
[13] REG_VCO_4V5_STARTUP: High-voltage regulator ramp-up indicator (‘1’ means correct start-up)
[12] REG_DIG_OCP: DIGITAL regulator over-current protection indicator (‘1’ means over-current detected)
[11] REG_REF_OCP: REFERENCE CLOCK regulator over-current protection indicator (‘1’ means over-
current detected)
[10] REG_RF_OCP: RF Output section regulator over-current protection indicator (‘1’ means over-current
detected)
[9] REG_VCO_OCP: VCO bias and control regulator over-current protection indicator (‘1’ means over-
current detected)
[8] REG_VCO_4V5_OCP: high-voltage regulator over-current protection indicator (‘1’ means over-current
detected)
[7] LOCK_DET: Lock detector status bit (‘1’ means PLL locked)
[6:5] VCO_SEL: VCO selected by calibration algorithm
00: (0) VCO_LOW
01: (1) VCO_LOW_MID
10: (2) VCO_MID_HIGH
11: (3) VCO_HIGH
[4:0] WORD: specific VCO sub-band selected by calibration algorithm (range:0 to 31)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com