Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81200 Datasheet (PDF) - STMicroelectronics

STW81200 Datasheet PDF - STMicroelectronics
Part # STW81200
Download  STW81200 Download
File Size   3831.33 Kbytes
Page   58 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs

STW81200 Datasheet (PDF)

Go To PDF Page Download Datasheet
STW81200 Datasheet PDF - STMicroelectronics

Part # STW81200
Download  STW81200 Click to download

File Size   3831.33 Kbytes
Page   58 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs

STW81200 Datasheet (HTML) - STMicroelectronics


STW81200 Product details

Description
The STW81200 is a dual architecture frequency synthesizer (Fractional-N and Integer-N), that features three low phase-noise VCOs with a fundamental frequency range of 3.0 GHz to 6.0 GHz and a programmable dual RF output divider stage which allows coverage from 46.875 MHz to 6 GHz. The STW81200 optimizes size and cost of the final application thanks to the integration of lownoise LDO voltage regulators and internallymatched broadband RF outputs. The STW81200 is compatible with a wide range of supply voltages (from 3.0 V to 5.4 V) providing to the end user a very high level of flexibility which trades off excellent performance with power dissipation requirements. A low-power functional mode (software controlled) gives an extra power saving. Additional features include crystal oscillator core, external VCO mode and output-mute function. VFQFPN36

Features
■ Output frequency range: 46.875 to 6000 MHz
■ Very Low Noise – Normalized in band phase noise floor: -227 dBc/Hz – VCO phase noise: -135 dBc/Hz @ 1 MHz offset, 4.0 GHz carrier – Noise floor: -160 dBc/Hz
■ Dual architecture frequency synthesizer: Fractional-N and Integer-N
■ Integrated VCOs with automatic center frequency calibration
■ Programmable RF output dividers by 1/2/4/8/16/32/64
■ Dual RF Output broadband matched with programmable power level and mute function
■ External VCO option with 5 V charge pump
■ Integrated low noise LDO voltage regulators
■ Maximum phase detector frequency: 100 MHz
■ Exact frequency mode
■ Fast lock and cycle slip reduction
■ Differential reference clock input (LVDS and LVECPL compliant) supporting up to 800 MHz
■ 13-bit programmable reference frequency divider
■ Programmable charge pump current
■ Digital lock detector
■ Integrated reference crystal oscillator core
■ R/W SPI interface
■ Logic compatibility/tolerance 1.8 V/3.3 V
■ Low Power Functional mode
■ Supply Voltage: 3.0 V to 5.4 V
■ Small size exposed pad VFQFPN36 package 6 x 6 x 1.0 mm
■ Process: BICMOS 0.25 µm SiGe

Applications
■ Cellular/4G infrastructure equipment
■ Instrumentation and test equipment
■ Cable TV
■ Other wireless communication systems




Similar Part No. - STW81200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW81100 STMICROELECTRONICS-STW81100 Datasheet
915Kb / 23P
MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
STW81100 STMICROELECTRONICS-STW81100 Datasheet
1,004Kb / 29P
MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOs
16-Dec-2005
STW81100AT STMICROELECTRONICS-STW81100AT Datasheet
915Kb / 23P
MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
STW81100AT-1 STMICROELECTRONICS-STW81100AT-1 Datasheet
1,004Kb / 29P
MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOs
16-Dec-2005
STW81100ATR STMICROELECTRONICS-STW81100ATR Datasheet
915Kb / 23P
MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
More results


Similar Description - STW81200

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2200 SILABS-SI2200 Datasheet
824Kb / 30P
RF SYNTHESIZER WITH INTEGRATED VCOS INTEGRATED VCOS
logo
Analog Devices
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. B
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADRF6720-27 AD-ADRF6720-27 Datasheet
3Mb / 44P
Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
REV. B
logo
Integrated Device Techn...
8V97053L IDT-8V97053L Datasheet
1Mb / 68P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97051 IDT-8V97051_17 Datasheet
987Kb / 55P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97051L IDT-8V97051L Datasheet
1,010Kb / 57P
Low Power Wideband Fractional RF Synthesizer / PLL
logo
Renesas Technology Corp
8V97051L RENESAS-8V97051L Datasheet
1Mb / 57P
Low Power Wideband Fractional RF Synthesizer / PLL
logo
Analog Devices
ADRF6720 AD-ADRF6720 Datasheet
3Mb / 44P
Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
4/14-Revision 0
logo
STMicroelectronics
STUW81300 STMICROELECTRONICS-STUW81300 Datasheet
1Mb / 63P
Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
17-Mar-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com