Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81200 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STW81200
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200 Datasheet(HTML) 4 Page - STMicroelectronics

  STW81200 Datasheet HTML 1Page - STMicroelectronics STW81200 Datasheet HTML 2Page - STMicroelectronics STW81200 Datasheet HTML 3Page - STMicroelectronics STW81200 Datasheet HTML 4Page - STMicroelectronics STW81200 Datasheet HTML 5Page - STMicroelectronics STW81200 Datasheet HTML 6Page - STMicroelectronics STW81200 Datasheet HTML 7Page - STMicroelectronics STW81200 Datasheet HTML 8Page - STMicroelectronics STW81200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
List of figures
STW81200
4/58
DocID025943 Rev 7
List of figures
Figure 1.
Functional block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 2.
Top view . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
VCO open-loop phase noise (5 V supply) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 4.
Closed-loop phase noise at 4.8 GHz, divided by 1 to 64 (5 V supply) . . . . . . . . . . . . . . . . 19
Figure 5.
VCO open-loop phase noise at 4.4 GHz vs. supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 6.
VCO open-loop phase noise over frequency vs. supply . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 7.
Single sideband integrated phase noise vs. frequency and supply (FPFD= 50 MHz) . . . . . 20
Figure 8.
Figure of merit. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 9.
Phase noise and fractional spurs at 2646.96 MHz vs. supply (FPFD = 61.44 MHz) . . . . . 20
Figure 10.
Phase noise and fractional spurs at 2118.24 MHz vs. supply (FPFD = 61.44 MHz) . . . . . 20
Figure 11.
Phase noise and fractional spurs at 2118.24 MHz at 5.0 V supply (FPFD = 61.44 MHz) . 20
Figure 12.
Phase noise and fractional spurs at 2118.24 MHz at 3.6 V supply (FPFD = 61.44 MHz) . 20
Figure 13.
Phase noise and fractional spurs at 2118.24 MHz at 3.0 V supply (FPFD = 61.44 MHz) . 21
Figure 14.
Phase noise at 5.625 GHz and 4.6 GHz (FPFD = 50 MHz) . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 15.
Typical VCO control voltage after VCO calibration (3.6 V supply) . . . . . . . . . . . . . . . . . . . 21
Figure 16.
Average KVCO over VCO frequency and supply. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 17.
Output power level vs. temperature - single ended (RF_OUT_PWR=7) . . . . . . . . . . . . . . 21
Figure 18.
Output power level – single ended (3 dB more for differential). . . . . . . . . . . . . . . . . . . . . . 21
Figure 19.
Typical spur level at PFD offset over carrier frequency (5.0 V supply) . . . . . . . . . . . . . . . . 22
Figure 20.
Typical spur level vs. offset from 4.5 GHz (5.0 V supply, FPFD=50MHz) . . . . . . . . . . . . . . 22
Figure 21.
10 kHz fractional spur (integer boundary) vs. temperature
(5.0 V supply, FPFD = 50 MHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 22.
800 kHz fractional spur (integer boundary) vs. temperature
(5.0 V supply, FPFD = 50 MHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 23.
Frequency settling with VCO calibration – wideband view . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 24.
Frequency settling with VCO calibration – narrowband view . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 25.
Overall current consumption vs. temperature (5.0 V supply, FPFD = 50 MHz) . . . . . . . . . . 23
Figure 26.
Current consumption – standard vs. low power (5.0 V supply, FPFD = 50 MHz) . . . . . . . . 23
Figure 27.
Current consumption – standard vs. low power (3.6 V supply, FPFD = 50 MHz) . . . . . . . . 23
Figure 28.
Current consumption – standard vs. low power (3.0 V supply, FPFD = 50 MHz) . . . . . . . . 23
Figure 29.
Reference clock buffer configurations: single-ended (A), differential (B), crystal mode (C) 24
Figure 30.
PFD diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 31.
SPI Protocol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 32.
SPI timing diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 33.
Application diagram (internal VCO) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
Figure 34.
Application diagram (external VCO) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
Figure 35.
VFQFPN36 package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com