Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81200 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STW81200
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STW81200 Datasheet HTML 23Page - STMicroelectronics STW81200 Datasheet HTML 24Page - STMicroelectronics STW81200 Datasheet HTML 25Page - STMicroelectronics STW81200 Datasheet HTML 26Page - STMicroelectronics STW81200 Datasheet HTML 27Page - STMicroelectronics STW81200 Datasheet HTML 28Page - STMicroelectronics STW81200 Datasheet HTML 29Page - STMicroelectronics STW81200 Datasheet HTML 30Page - STMicroelectronics STW81200 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
DocID025943 Rev 7
27/58
STW81200
Circuit description
57
It is possible to set the sign of the delay through the PFD_DEL_MODE bit in the ST3
Register (no delay, VCO_DIV_delayed or REF_DIV_delayed). The delay value can be set
through the PFD_DEL bit in the ST0 Register (2 bit; 0=1.2 ns, 1=1.9 ns, 2=2.5 ns,
3=3.0 ns). Even though the for spur-compensation settings are best optimized case-by-
case, the setup ‘VCO_DIV_delayed + 1.2 ns delay’ is strongly recommended for most
conditions.
Charge pump leakage current
A different way to force an offset value on the PFD+CP characteristics is provided within the
STW81200 by sourcing or sinking a DC leakage current from the charge pump (settings
available in the ST3 Register). The leakage current is 5-bit programmable starting from a
base DC current of 10 µA (it can be doubled to 20 uA by setting bit CP_LEAK_x2 = 1b). The
sign is set by CP_LEAK_DIR bit: 0b = down-leakage (sink), 1b = up-leakage (source).
The resulting delay offset can be calculated as follows:
Experimental results show that down-leakage currents are more effective than up-leakage.
The user must be aware that the use of the leakage current mechanism might impact the
overall phase noise performance by increasing the charge pump noise contribution.
Down-split current
This mechanism is enabled through the DNSPLIT_EN bit (ST3 Register), is the injection of
a down-split current pulse from the charge pump circuit. The current pulse is 16 VCO cycles
wide while the current level is set by the PFD_DEL bit (ST0 Register) among 4 different
possible values: 0, 0.25*ICP, 0.5*ICP or 0.75*ICP.
7.4
Phase frequency detector (PFD)
The PFD takes inputs from the reference and the VCO dividers and produces an output
proportional to the phase error. The PFD includes a delay gate that controls the width of the
anti-backlash pulse (1.2 to 3 ns). This pulse ensures that there is no dead zone in the PFD
transfer function.
Figure 30 shows a simplified schematic of the PFD.
delay
ILEAK
FPFD ICP
⋅
---------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com