Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81200 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STW81200
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STW81200 Datasheet HTML 49Page - STMicroelectronics STW81200 Datasheet HTML 50Page - STMicroelectronics STW81200 Datasheet HTML 51Page - STMicroelectronics STW81200 Datasheet HTML 52Page - STMicroelectronics STW81200 Datasheet HTML 53Page - STMicroelectronics STW81200 Datasheet HTML 54Page - STMicroelectronics STW81200 Datasheet HTML 55Page - STMicroelectronics STW81200 Datasheet HTML 56Page - STMicroelectronics STW81200 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 58 page
background image
DocID025943 Rev 7
53/58
STW81200
Application information
57
8.2
Thermal PCB design considerations
The STW81200 QFN package offers a low thermal resistance (
θJC ~3°C/W on a JEDEC
Multi-Layer Board). Preferred thermal flow in QFN package is through the bottom central
pad.
The central thermal pad provides a solderable surface on the top of the PCB (for soldering
the package die paddle on the board). Thermal vias are needed to provide a thermal path to
the inner and bottom layers of the PCB in order to remove/dissipate the heat. The size of the
thermal pad can be matched with the exposed die paddle, or it may be smaller taking into
consideration clearance for vias to route the inner row signals.
A PCB can be designed to achieve a thermal impedance of 2 to 4°C/W through a 1.6 mm
(.063”) thick FR-4 type PCB (a reliable, low cost solution).
For example the ST EVAL KIT uses a 0.8 mm thick PCB with a thermal impedance of
~50°C/W for a single via filled with solder. 25 vias are used, giving a thermal impedance of
~2°C/W with solder-filled vias (50°C/W divided by 25 vias).
Using a plate on the underside of the PCB (a common solution in STW81200 applications,
as the plate is typically the metal housing of the application assembly) brings the total
thermal resistance (junction to housing in the customer application) below 10°C/W.
As the typical power dissipation of the STW81200 is approximately 1.5 W, at maximum
specified ambient temperature (85°C) a junction temperature of less than 100°C is
attainable. This is well below the maximum specified value (125°C) to ensure safe operation
of the STW81200 in worst-temperature conditions.
The ST EVAL KIT is not provided with additional heatsinking, and the thermal resistance
(
θJA) measured in the EVAL BOARD is ~30°C/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com